Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 166 page
background image
Datasheet
69 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.10.1.3
Program granularity
The S26HS-T/S26HL-T supports two methods of programming, Word or Write Buffer Programming.
Word programming examines the data word supplied by the command and programs 0’s in the addressed
memory array word to match the 0’s in the command data word.
Write Buffer Programming examines the write buffer and programs 0’s in the addressed memory array Line to
match the 0’s in the write buffer. The write buffer does not need to be completely filled with data. It is allowed to
program as little as a single bit, several bits, a single word, a few words, a half-page, multiple half-pages, or the
entire buffer as one programming operation. Use of the write buffer method reduces host system overhead in
writing program commands and reduces memory device internal overhead in programming operations to make
Write Buffer Programming more efficient and thus faster than programming individual words with the Word
Programming command.
Each half-page can be programmed by either method. Half-pages programmed by different methods may be
mixed within a Line. Pages programmed by different methods may be mixed within a Line for the Industrial
Temperature version (40°C to +85°C) only. For the Industrial Plus version (40°C to +105°C) and Automotive
AEC-Q100 Grade 1 (40°C to +125°C), Grade 2 (40°C to +105°C) and Grade 3 (40°C to +85°C) versions, the device
will only support one programming operation on each page between erase operations. Moreover, Single Word
Programming command is also not supported.
Word Programming and Write Buffer Programming, more than once within a half-page, is supported for legacy
software compatibility. However, using Word Programming or Write Buffer Programming more than once within
a half-page without an erase will disable the device’s ECC functionality for that half-page. For applications
requiring multiple programming operations within the same half-page, it is recommended to add system
software Error Detection and Correction, to enhance the data integrity of half-pages.
Note that if 2-bit ECC is enabled, multiple Word Programming or Write Buffer Programming within the same page
will result in a Program Error.
Future silicon process generations of HYPERFLASH™ may no longer support multiple program operations, within
the same half-page, without an erase operation on the sector containing the half-page. Planning for software
migration to future generations should adopt data structures and data management methods that can support
only one programming operation, per half-page, per erase.
4.10.1.4
Incremental programming
The same word location or half-page may be programmed more than once, by either the Word or Write Buffer
Programming methods, to incrementally change 1’s to 0’s. However as noted in Program granularity on page
69, incremental programming affects ECC syndrome bits and causes the device to disable ECC for that half-page.
Note that if 2-bit ECC is enabled, incremental Word Programming or Write Buffer Programming within the same
page will result in a Program Error.
4.10.1.5
Program register transactions
The Program Register (PRNPOR_4_0, PGVINC_4_0, PGVINS_4_0, PGVCR1_4_0, PGVCR2_4_0, PGNCR1_4_0,
PGNCR2_4_0, PGOASP_2_1, PGNPWD_2_1, PGNATB_2_1, PGOENX_2_1) transactions provide a way to program
any device register, Nonvolatile or Volatile. The transactions include unlock cycles followed by one word of data
to write.
4.10.1.6
Program SSR transaction
The Program Secure Silicon transaction (PG_SSR_4_1) programs data in the SSR, which is in a different address
space from the main array data and is OTP. The SSR is 1024 bytes, so the address bits from A31 to A10 must be
zero for this transaction.
The PRGERR bit in STRV[4] may be checked to determine if any error occurred during the operation.
4.10.1.7
Set dynamic protection bits (DYB)
The Set Dynamic Protect Bits (STVDYB_2_1) transaction sets a bit in the DYB Register to protect the addressed
sector from being programed or erased.
Notes
22. See Table 120 for the command sequence as required for Write Buffer Programming.
23. When the Sector Address is specified, any address in the selected sector is acceptable. However, when loading Write-Buffer address locations with
data, all addresses MUST fall within the selected Line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com