Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 166 page
background image
Datasheet
41 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 29
Password protection scheme flowchart
Password protection notes
• The Password Program Command is only capable of programming 0’s.
• The password is all 1’s when shipped from CYPRESS™. It is located in its own memory space and is accessible
through the use of the Password Program and Password Read commands.
• All 64-bit password combinations are valid as a password.
• Once the password is programmed and verified, the Password Protection Mode Locking bit must be
programmed (to ‘0’) to prevent reading the password.
• The Password Protection Mode Lock bit, once programmed (to 0), prevents reading the 64-bit password on the
data bus and further password programming. All further program and read commands to the password region
are disabled and these commands are ignored. In Legacy (x1) SPI, attempted programming of a protected
Password will set the Program Status bit. In HYPERBUS™, attempted programming of a protected Password will
set the Sector Lock Status bit and the Program Status bit. If a further programming operation is attempted on
either the Password or the Password Protection Mode Lock bit the operation will be aborted and the failure will
be indicated in the Status Register. There is no means to verify what the password is after the Password
Protection Mode Lock bit is programmed. Password verification is only allowed before selecting the Password
Protection mode.
• The Password Mode Lock bit is not erasable.
• The device requires tPSWD for setting the PPB Lock bit after the valid 64-bit password is given to the device.
• The Password Unlock command is used to unlock the password. If the supplied password does not match the
hidden internal password, the device gets locked out and does not accept any further instructions. Either a
hardware reset or a CS# Signaling Reset or a power cycle are required to bring the device back to standby mode
to try reentering the password again.
• If the password is lost after setting the Password Mode Lock bit, there is no way to clear the PPB Lock bit.
Power up
Hardware Reset
ASPPWD = 0
Password Protection
Yes
x
PPBLock Bit = 0
x
ASP Register Bits = Program Protected
x
PPB Bits = Erase/Program Protected
PWD = Unlock
x
PPBLock Bit = 1
x
ASP Register Bits = Program Protected
x
PPB Bits = Erase/Program UnProtected
Yes
Fail
No
Default Protection
x
PPBLock Bit = 1
x
ASP Register Bits = Program UnProtected
x
PPB Bits = Erase/Program UnProtected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com