Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 166 page
background image
Datasheet
48 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.6.1.1
Host polling behavior
The host will need to go through a Status Register polling sequence to determine if an initialization failure has
occurred in the device. The flowchart for the sequence is shown in Figure 32.
Figure 32
Host polling sequence for microcontroller initialization failure detection
4.6.1.2
Microcontroller initialization failure detection related registers and
transactions
Table 35
Microcontroller initialization failure related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers
on page 106)
Related SPI transactions
(see Table 122 on page 137)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
Status Register 1 Volatile (STR1V)
Read Any Register (RDARG_4_0)
N/A
Read Status Register -1 (RDSR1_0_0)
Power-Up
Read Status Register 1 (x1)
OR
Read Status Register (x8)
Status Register 1
= 0x00? (x1)
OR = 0xFE80? (x8)
&
Any Read Identification Transaction =
Successful
Device
Ready
Yes
Change Host Interface to SDR SPI
(1S-1S-1S)
No
Read Status Register 1
Hardware Reset
Flash Microcontroller
Initialization Failure
Detected
Status Register 1 = 0x61
Power-Up
Read Status Register 1 (x1)
OR
Read Status Register (x8)
Status Register 1
= 0x00? (x1)
OR = 0xFE80? (x8)
&
Any Read Identification Transaction =
Successful
Device
Ready
Yes
Change Host Interface to SDR SPI
(1S-1S-1S)
No
Read Status Register 1
Hardware Reset
Flash Microcontroller
Initialization Failure
Detected
Status Register 1 = 0x61
[19]
Note
19. If you have Vcc within specifications and a hardware reset does not resolve the issue, replace the flash device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com