Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 166 page
background image
Datasheet
23 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Address space maps
3.3
ID address space
This particular region of the memory is assigned to manufacturer, device, and unique identification:
• The manufacturer identification is assigned by JEDEC (see Table 134 and Table 135).
• The device identification is assigned by Infineon(see Table 134 and Table 135).
• A 64-bit unique number is located in 8 bytes of the Unique Device ID address space. This Unique ID can be used
as a software readable serial number that is unique for each device (see Table 136).
There is no address space defined for these IDs as they can be read by providing the respective transactions only.
The transactions do not need the address to read these IDs. The data in this address space is read-only data.
3.4
SFDP JEDEC JESD216 serial flash discoverable parameters (SFDP) space
The SFDP standard provides a consistent method of describing the functional and feature capabilities of this
serial flash device in a standard set of internal parameter tables. These parameter tables can be interrogated by
host system software to enable adjustments needed to accommodate divergent features. The SFDP address
space has a header starting at address zero that identifies the SFDP data structure and provides a pointer to each
parameter. The SFDP address space is programmed by Infineonand read-only for the host system.
HYPERBUS™ accesses the ID-SFDP ASO by issuing the ID-SFDP Entry command sequence during Read mode.
SFDP is an Address Overlay and must be mapped to a Sector Address (SA). Legacy (x1) SPI uses RSFDP_3_0 trans-
action to access SFDP and does not require an Address Overlay which must be omitted for Legacy (x1) SPI (see
Table 130 through Table 133).
3.5
Secure SSR address space
Each HS/L-T family memory device has a 1024-byte SSR which is OTP address space. This address space is
separate from the main flash array. The SSR area is divided into 32 individually lockable, 32-byte aligned and
length regions.
In the 32-byte region starting at address zero:
• The 16 lowest bytes contain a 128-bit random number. The random number cannot be written to, erased or
programmed and any attempts will return an PRGERR flag.
• The next four bytes are used to provide one bit per secure region (32 bits in total) to permanently protect once
set to “0” from writing, erasing or programming.
• All other bytes are reserved.
The remaining regions are erased when shipped from CYPRESS™, and are available for programming of
additional permanent data.
Table 7
SFDP overview address map
Byte address
Description
0000h
0000h
Location zero within JEDEC JESD216D SFDP space - start of SFDP header
,,,
Remainder of SFDP header followed by undefined space
0100h
0080h
Start of SFDP parameter tables. The SFDP parameter table data starting at
0100h.
...
Remainder of SFDP parameter tables followed by either more parameters or
undefined space
Note
11. Legacy (x1) SPI uses Read Serial Discoverable Parameters (RSFDP_3_0) transaction to read the Unique ID. Address is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com