Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 166 page
background image
Datasheet
63 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
To calculate latency when crossing a page boundary, use the following formula:
if ((PS - LTCY) < ADDR & (SP -1))
{
((ADDR & (SP -1)) - PS + LTCY)
}
else
{0}
Where:
PS
= Page size = 16 words
SP
= Sub-page size = 8 words
LTCY
= Latency
ADDR
= Target address
Hybrid burst combines one wrapped burst followed by linear burst. The beginning of a hybrid burst will wrap once within the
target address wrapped burst length group, before switching to linear burst of data beyond the end of the initial wrapped burst
length group. Hybrid burst is supported for 16-Byte and 32-Byte but not 64-Byte wrapped burst length groups.
Example burst sequences for 32-Byte, and 16-Byte Hybrid burst reads:
1. 32-Byte example (wrap within 32-Byte boundary before transitioning to linear burst)
a. 06-07-08-09-0A-0B-0C-0D-0E-0F-00-01-02-03-04-05-10-11
b. 0E-0F-00-01-02-03-04-05-06-07-08-09-0A-0B-0C-0D-10-11
2. 16-Byte example (wrap within 16-Byte boundary before transitioning to linear burst)
a. 06-07-00-01-02-03-04-05-08-09
b. 03-04-05-06-07-00-01-02-08-09
4.9
Write transactions - Legacy (x1) SPI
There are write transactions for writing to the Registers.
4.9.1
Write enable transaction
The Write Enable (WRENB_0_0) transaction sets the Write Program Enable Status (WRPGEN) bit of the Status
Register 1 (STR1V[1]) to 1. The WRPGEN bit must be set to 1 by issuing the Write Enable (WRENB_0_0) Transaction
to enable write, program, and erase transactions.
4.9.2
Write disable transaction
The Write Disable (WRDIS_0_0) transaction clears the Write Program Enable Status (WRPGEN) bit of the Status
Register 1 (STR1V[1]) to 0.
The WRPGEN bit can be cleared to 0 by issuing the Write Disable (WRDIS_0_0) transaction to disable commands
that requires WRPGEN be set to 1 for execution. The WRDIS_0_0 transaction can be used by the user to protect
memory areas against inadvertent write, program, or erase operations that can corrupt the contents of the
memory. The WRDIS_0_0 transaction is ignored during an embedded operation while RDYBSY bit = 1 (STR1V[0]).
4.9.3
Clear program and erase failure flags transaction
The Clear Program and Erase Failure Flags (CLPEF_0_0) transaction resets bit STR1V[5] (Erase Error Flag) and bit
STR1V[6] (Program Error Flag) to 0. The Clear Status Register transaction will be accepted even when the device
remains busy with RDYBSY set to 1, as the device does remain busy when either error bit is set. The WRPGEN bit
will be unchanged after this command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com