Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 166 page
background image
Datasheet
89 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5Registers
Registers are small groups of storage cells used to configure as well as report the status of the device operations.
HL-T/HS-T family of devices use separate nonvolatile and volatile storage groups to implement the different
register bit types for legacy compatibility as well as new functionality. Each register is organized as a group of
volatile bits with associated nonvolatile bits (if permanence is required). During power-up, hardware reset or
software reset, the data in the nonvolatile bits of the register is transferred to the volatile bits to provide the
default state of the volatile bits. When writing new data to nonvolatile bits of the register, the volatile bits are also
updated with the new data. However, when writing new data to the Volatile Register bits the nonvolatile bits
retain the old data. The register structure is shown in Figure 50.
Figure 50
Register structure
Figure 51
Data movement within register components
Note that SEMPER™ Flash with HYPERBUS™ interface uses a separate register set for each interface type:
HYPERBUS™ and Legacy (x1) SPI. Both register sets must be configured for their respective interface operation.
(example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com