Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 166 page
background image
Table 49. Example 1: 64-byte wrapped burst address sequence (Latency code = 12)
Target
address
Clock cycle
0
1
2
3
… 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
0
CA0 CA1 CA2
Bus
turnaround
+
Initial
latency
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
-
-----
-
1
123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0
-
-----
-
2
23456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0
1
-
-----
-
3
3456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
01
2
-
-----
-
4
456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012
3
-
-----
-
5
56789
10 11 12 13 14 15
X
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012
34
-----
-
6
6789
10 11 12 13 14 15
X
X
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012
345
----
-
7
789
10 11 12 13 14 15
X
X
X
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012
3456
-
-
-
-
8
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123456
7
-
-----
-
9
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
01234567
8
-
-----
-
10
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012345678
9
-
-----
-
11
11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10
-
-----
-
12
12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10 11
-
-----
-
13
13 14 15 16 17 18 19 20 21 22 23
X
24 25 26 27 28 29 30 31
0123456789
10 11 12
-----
-
14
14 15 16 17 18 19 20 21 22 23
X
X
24 25 26 27 28 29 30 31
0123456789
10 11 12 13
----
-
15
15 16 17 18 19 20 21 22 23
X
X
X
24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14
-
-
-
-
16
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15
-
-----
-
17
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16
-
-----
-
18
18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17
-
-----
-
19
19 20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18
-
-----
-
20
20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18 19
-
-----
-
21
21 22 23 24 25 26 27 28 29 30 31
X
0123456789
10 11 12 13 14 15 16 17 18 19 20
-----
-
22
22 23 24 25 26 27 28 29 30 31
X
X
0123456789
10 11 12 13 14 15 16 17 18 19 20 21
----
-
23
23 24 25 26 27 28 29 30 31
X
X
X
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22
-
-
-
-
24
24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23
-
-----
-
25
25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
-
-----
-
26
26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
-
-----
-
27
27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
-
-----
-
28
28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
-
-----
-
29
29 30 31
01234567
X
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
-----
-
30
CA0 CA1 CA2
Bus
turnaround
+
Initial
latency
30 31
01234567
X
X
89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
----
-
31
31
01234567
X
X
X
89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
-
-
-
-
-
-
1
2
… 12
--------------------------------
------
-
Latency count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com