Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 58 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 58 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 166 page
background image
Table 48. Example 1: 64-byte wrapped burst address sequence (Latency code = 16)
Target
address
Clock cycle
0
1
2
3
… 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56
0
CA0 CA1 CA2
Bus
turnaround
+
Initial
latency
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
------
-
1
123456789
10 11 12 13 14 15
X
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0
-----
-
2
23456789
10 11 12 13 14 15
X
X
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
01
----
-
3
3456789
10 11 12 13 14 15
X
X
X
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012
-
-
-
-
4
456789
10 11 12 13 14 15
XXXX
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123
-
-
-
5
56789
10 11 12 13 14 15
XXXXX
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
01234
-
-
6
6789
10 11 12 13 14 15
XXXXXX
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012345
-
7
7
8
9
10 11 12 13 14 15
XXXXXXX
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
012345
6
8
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
01234567
------
-
9
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
X
24 25 26 27 28 29 30 31
012345678
-----
-
10
10 11 12 13 14 15 16 17 18 19 20 21 22 23
X
X
24 25 26 27 28 29 30 31
0123456789
----
-
11
11 12 13 14 15 16 17 18 19 20 21 22 23
X
X
X
24 25 26 27 28 29 30 31
0123456789
10
-
-
-
-
12
12 13 14 15 16 17 18 19 20 21 22 23
XXXX
24 25 26 27 28 29 30 31
0123456789
10 11
-
-
-
13
13 14 15 16 17 18 19 20 21 22 23
XXXXX
24 25 26 27 28 29 30 31
0123456789
10 11 12
-
-
14
14 15 16 17 18 19 20 21 22 23
XXXXXX
24 25 26 27 28 29 30 31
0123456789
10 11 12 13
-
15
15 16 17 18 19 20 21 22 23
XXXXXXX
24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14
16
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15
------
-
17
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
X
0123456789
10 11 12 13 14 15 16
-----
-
18
18 19 20 21 22 23 24 25 26 27 28 29 30 31
X
X
0123456789
10 11 12 13 14 15 16 17
----
-
19
19 20 21 22 23 24 25 26 27 28 29 30 31
X
X
X
0123456789
10 11 12 13 14 15 16 17 18
-
-
-
-
20
20 21 22 23 24 25 26 27 28 29 30 31
XXXX
0123456789
10 11 12 13 14 15 16 17 18 19
-
-
-
21
21 22 23 24 25 26 27 28 29 30 31
XXXXX
0123456789
10 11 12 13 14 15 16 17 18 19 20
-
-
22
22 23 24 25 26 27 28 29 30 31
XXXXXX
0123456789
10 11 12 13 14 15 16 17 18 19 20 21
-
23
23 24 25 26 27 28 29 30 31
XXXXXXX
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22
24
24 25 26 27 28 29 30 31
0123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23
------
-
25
25 26 27 28 29 30 31
01234567
X
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
-----
-
26
26 27 28 29 30 31
01234567
X
X
89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
----
-
27
27 28 29 30 31
01234567
X
X
X
89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
-
-
-
-
28
CA0 CA1 CA2
Bus
turnaround
+
Initial
latency
28 29 30 31
01234567
XXXX
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
-
-
-
29
29 30 31
01234567
XXXXX
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
-
-
30
30 31
01234567
XXXXXX
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
-
31
31
01234567
XXXXXXX
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
-
-
12
… 16
--------------------------------------
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com