Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 17Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 18Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 166 page
background image
Datasheet
16 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
Figure 13
SPI transaction with output data sequence (AutoBoot)
2.4
Embedded operations
2.4.1
Embedded algorithm controller (EAC)
The EAC takes transactions from the host system for programming and erasing the flash memory arrays and
performs all the complex operations needed to change the nonvolatile memory state. This frees the host system
from any need to manage the program and erase processes.
There are five EAC operation categories:
• Deep power down (DPD)
• Standby (Read mode)
• Address space switching
• Embedded algorithms (EA)
• Advanced sector protection (ASP) management
2.4.1.1
Deep power down (DPD)
In the DPD mode, current consumption is driven to the lowest level. The DPD mode must be entered while the
device is in the Standby state while not in an ASO.
Note that the device maintains its configuration during DPD. In other words, the device exits DPD in the same
state as it went in. However, ECC related registers (ECC status, error detection counter, and address trap) will not
maintain their state and will get reset upon DPD exit.
Note that a configuration option exists where the device can power-up in DPD. If selected, CS# must be held High
during POR to enter DPD.
2.4.1.2
Standby
In the Standby State current consumption is greatly reduced. The EAC enters its Standby State when no
command is being processed and no EA is in progress. If the device is deselected (CS# = High) during an EA, the
device still draws active current until the operation is completed (ICC4).
2.4.1.3
Address space switching - HYPERBUS™ only
Writing specific address and data sequences (transactions) switch the memory device address space from the
flash memory array to one of the address space overlays (ASO).
Embedded algorithms operate on the information visible in the currently active (entered) ASO. The system
continues to have access to the ASO until the system issues an ASO Exit command, performs a Hardware Reset,
or until power is removed from the device. An ASO Exit Command switches from an ASO back to the flash Memory
Array address space. The transaction accepted when a particular ASO is entered are listed between the ASO Enter
and Exit transactions in the transaction table. See Transaction table on page 124 for address and data require-
ments for all transaction sequences.
Note that while in any mode, the Status Register read transaction may be issued to cause the Status Register ASO
to appear at every word address in the device address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com