Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 166 page
background image
Datasheet
54 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.8.2
Read memory array transactions
Memory array data can be read from the memory starting at any byte boundary. Data bytes are sequentially read
from incrementally higher byte addresses until the host ends the data transfer by driving CS# input HIGH. If the
byte address reaches the maximum address of the memory array, the read will continue at address zero of the
array.
4.8.2.1
Read transaction - HYPERBUS™
The HYPERBUS™ Read transaction provides the fastest data throughput using DDR protocol. This protocol
supports DS for capturing data. The option of linear burst length as well as wrapped burst length is available. This
transaction uses latency cycles set by (CFR1V[7:4]) to enable maximum clock frequency of 166MHz under HL-T,
and 200MHz under HS-T.
4.8.2.2
Read and fast read transactions - Legacy (x1) SPI
The SPI Read and Fast Read transactions are supported for Host systems that require backward compatibility to
legacy SPI. This protocol does not support the DS for capture of data. The options of linear and wrapped read
length is available. The Read transaction supports a maximum clock frequency of 50MHz and requires no latency
cycles. The Fast Read Transaction uses latency cycles set by (CFR2V[3:0]) to enable maximum clock frequency of
166MHz.
4.8.2.3
HYPERBUS™ read memory array related registers and transactions
4.8.2.4
Legacy (x1) SPI read memory array related registers and transactions
4.8.3
Read registers transactions
There are multiple registers for reporting embedded operation status as well as controlling device configuration
options. Registers contain both volatile and nonvolatile bits. There are two transaction types to read the
Registers, namely generic and dedicated. Generic (Read Any Register) transaction provides a way to read all
device registers: Nonvolatile and Volatile by address selection. Dedicated Register Read transactions which is
defined per register and only reads the contents of that register. Legacy (x1) SPI supports both transaction types
whereas HYPERBUS™ supports dedicated transactions only.
4.8.3.1
Read configuration register transaction - HYPERBUS™
The Read Configuration Register (RDVCR1_4_0, RDVCR2_4_0, RDNCR1_4_0, RDNCR2_4_0) transactions read
both the device Configuration registers (Volatile and Nonvolatile). This is followed by a number of latency cycles
set by (CFR1V[7:4]) to enable maximum clock frequency of 166MHz under HL-T HYPERBUS™ mode, and 200MHz
under HS-T. The protocol supports DS for capturing data.
Table 43
HYPERBUS™ read memory array related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
HYPERBUS™ Configuration Register 1 (CFR2N, CFR2V)
Read (RDMARY_1_0)
Table 44
Legacy (x1) SPI read memory array related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
SPI Configuration Register 2 (CFR2N, CFR2V)
Read (RDAY1_4_0, RDAY1_C_0)
SPI Configuration Register 4 (CFR4N, CFR4V)
Read Fast (RDAY2_C_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com