Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 166 page
background image
Datasheet
88 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.17.2
Power down
During power down or voltage drops below VCC(cut-off), the voltage must drop below VCC(Low) for a period of tPD
for the part to initialize correctly on power up (see Figure 48). If during a voltage drop the VCC stays above
VCC(cut-off) the part will stay initialized and will work correctly when VCC is again above VCC(min). In the event
POR did not complete correctly after power up, the assertion of the RESET# signal will restart the POR process.
Figure 48
Power down and voltage drop
4.17.3
Power up and power down sequence
The following power sequence needs to be followed for the guaranteed reliable operation of HL-T/HS-T devices.
•Apply VCC before VCCQ during power up sequence. VCC and VCCQ can be applied simultaneously during power
up, as long as VCCQ does not exceed VCC.
• During the power down mode, reduce the VCCQ before VCC. VCC and VCCQcan be reduced simultaneously during
power down, as long as VCCQ does not exceed VCC.
• It is recommended to keep VCCQ  VCC.
Figure 49
Power up and power down sequence
VCC
VCCQ
Power Up
Power
Down
Normal Operation
tVR
tVF
VCC
VCCQ
Power Up
Power
Down
Normal Operation
tVR
tVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com