Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 166 page
background image
Datasheet
84 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
This reset sequence is not intended to be used at normal power on, but to be used only when the device is not
responding to the system. This reset sequence will be operational from any state that the device may be in.
Hence, CS# signaling reset is useful for packages that don't support a RESET# pin to provide behavior identical
to Hardware Reset.
Figure 44
CS# signaling reset protocol
4.15.4
Software reset - SPI only
Software controlled Reset transaction restores the device to its initial power up state, by reloading Volatile
registers from nonvolatile default values except the protection registers. A reset transaction (SFRST_0_0) is
executed when CS# is brought HIGH at the end of the transaction and requires tSRtime to execute. See Table 129
for timing specifications.
The Reset Enable (SRSTE_0_0) transaction is required immediately before a Reset transaction (SFRST_0_0) such
that a software reset is a sequence of the two transactions. Any transaction other than SFRST_0_0 following the
SRSTE_0_0 transaction will clear the reset enable condition and prevent a later SFRST_0_0 transaction from
being recognized.
The Reset (SFRST_0_0) transaction immediately following a SRSTE_0_0 transaction, initiates the software reset
process. During software reset, only RDSR1_4_0 and RDARG_4_0 of Status Register 1 are supported operations
as long as the volatile and nonvolatile configuration states of the device are the same. if the configuration state
is changing during software reset, reading Status Register 1 should only be done after the software reset time has
elapsed.
The software reset is independent of the state of RESET#. If RESET# is HIGH or Unconnected, and the software
reset transactions are issued, the device will perform software reset.
4.15.4.1
Software reset related registers and transactions
Table 62
Software reset related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
N/A
Software Reset Enable (SRSTE_0_0)
Software Reset (SFRST_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com