Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 166 page
background image
Datasheet
82 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.15
Reset
HL-T/HS-T devices support four types of reset mechanisms.
• Hardware Reset (Using RESET# input pin)
•Power-On Reset (POR)
• CS# Signaling Reset
• Software Reset - SPI Only
4.15.1
Hardware reset (Using RESET# input pin)
The RESET# input initiates the reset operation with a transition from logic High to logic Low for > tRP, and causes
the device to perform the full reset process that is performed during POR. The hardware reset process requires a
period of tRH to complete. See Table 129 for timing specifications.
Figure 39
Hardware reset using RESET# input (Reset pulse = tRP(Min))
Figure 40
Hardware reset using RESET# input (Reset pulse > (tRP + tRH))
Figure 41
Hardware reset using RESET# input (Back to back hardware reset)
Table 61
Erase error (ERSERR) summary
Error Flag
Symbol
Conditions
Erase Error
ERSERR
Sector Device Erase - All bits cannot be erased to ‘1’s
Trying to erase a protected region
Register Erase - All bits cannot be erased to ‘1’s during Erase portion of Register Write
SafeBoot Failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com