Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 166 page
background image
Datasheet
36 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
The host device will read the CRC checksum from the slave device using the Read Interface CRC transaction. The
slave device will include the RDCRC_4_0 transaction as part of the CRC checksum and then place the checksum
data on the data bus. If the host device upon receiving the slave’s CRC checksum finds a mismatch with its own
calculated CRC checksum, it can re-issue the Program / Erase transaction to the slave device. For Flash, multiple
Program / Erase to the same location due to CRC checksum errors will affect data endurance.
4.3.3
HYPERBUS™ interface CRC related registers and transaction
4.3.4
Legacy (x1) SPI interface CRC related registers and transaction
4.4
Data integrity CRC
HL-T/HS-T family devices have a group of transactions to perform a hardware accelerated CRC calculation over
a user defined address range in the memory array. The calculation is another type of embedded operation similar
to programming or erase, in which the device is busy while the calculation is in progress. The CRC operation uses
the same CRC32 polynomial as Interface CRC to determine the CRC check-value.
CRC32 Polynomial: X32 + X28 + X27 + X26 + X25 + X23 + X22 + X20 + X19 + X18 + X14 + X13 + X11 + X10 + X9 + X8 + X6 + 1
The check-value generation sequence is started by entering the Data Integrity Check (DICHK_4_1, LDENAD_1_1)
transaction. The transaction includes/requires loading the beginning address into the CRC Start Address
Register. The transaction also includes/requires loading the ending address into the CRC End Address Register.
Bringing CS# HIGH starts the CRC calculation. The CRC process calculates the check-value on the data contained
at the starting address through the ending address. Note that in HYPERBUS™ interface, loading the ending
address initiates the Data Integrity CRC calculation.
During the calculation period, the device goes into the Busy state (RDYBSY = 1). Once the check-value calculation
is completed, the device returns to the Ready state (RDYBSY = 0) and the calculated check-value is available to
be read. The check-value is stored in the Data Integrity CRC Register (DCRV[31:0]) and can be read (RDARG_4_0,
RDDICL_2_1, RDDICU_2_1).
The check-value calculation can only be initiated when the device is in Standby State; and once started it can be
suspended with the CRC Suspend transaction (SPEPD_0_0, SP_DIC_1_1) to read data from the memory array.
During the Suspended state, the CRC Suspend Status Bit in the Status Register will be set (DICRCS = 1). Once
suspended, the host can read the Status Register, read data from the array and can resume the CRC calculation
by using the CRC Resume transaction (RSEPS_0_0, RS_DIC_1_1).
The Ending Address (ENDADD) must be at least two addresses higher than the Starting Address (STRADD). If
ENDADD < STRADD + 3 the check-value calculation will abort and the device will return to the Ready state (RDYBSY
= 0). In Legacy (x1) SPI, Data Integrity CRC abort status bit will be set (DICRCA = 1) to indicate the aborted
condition. The DICRCA bit can be cleared, once set, by Software Reset or a valid subsequent CRC command
execution. In HYPERBUS™, Write Buffer Abort bit will be set (WRBFAB = 1) to indicate the aborted condition. A
Status Register Clear will clear the WRBFAB bit and allow a subsequent valid CRC command or CRC ASO exit
sequence. If ENDADD < STRADD + 3, the check-value will hold indeterminate data.
The read data ordering used in calculating the check-value from the CRC-32 polynomial is shown as follows:
Table 20
HYPERBUS™ interface CRC related registers and transactions
Related registers (see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions (see Table 120 on page 124)
N/A
Read Interface CRC Register (RDICRC_1_1) - Read Interface ASO
Table 21
Legacy (x1) SPI interface CRC related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
Interface CRC Enable Register (ICEV)
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com