Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 166 page
background image
Table 50. Example 3: 64-byte wrapped burst address sequence (Latency code = 20)
Target
address
Clock cycle after CS# goes low
0
1
2
3
…
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
0
CA0
CA1
CA2
Bus turnaround
+
Initial latency
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
1
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
2
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
3
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
4
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
5
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
X
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
6
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
X
X
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
7
D7
D8
D9
D10 D11 D12 D13 D14 D15
X
X
X
X
X
X
X
X
X
X
X
D16 D17 D18 D19 D20 D21 D22 D23
8
D8
D9
D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
D24 D25 D26 D27 D28 D29 D30 D31
9
D9
D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
X
D24 D25 D26 D27 D28D29 D30 D31
10
D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
X
X
D24 D25 D26 D27 D28 D29 D30 D31
11
D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
X
X
X
D24 D25 D26 D27 D28 D29D30 D31
12
D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
X
X
X
X
D24 D25 D26 D27 D28 D29 D30 D31
13
D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
X
X
X
X
X
D24 D25 D26 D27 D28 D29 D30 D31
14
D14 D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
X
X
X
X
X
X
D24 D25 D26 D27 D28 D29 D30 D31
15
D15 D16 D17 D18 D19 D20 D21 D22 D23
X
X
X
X
X
X
X
X
X
X
X
D24 D25 D26 D27 D28 D29 D30 D31
16
D16 D17 D18 D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
D32 D33 D34 D35 D36 D37 D38 D39
17
D17 D18 D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
X
D32 D33 D34 D35 D36 D37 D38 D39
18
D18 D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
X
X
D32 D33 D34 D35 D36 D37 D38 D39
19
D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
X
X
X
D32 D33 D34 D35 D36 D37D38 D39
20
D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
X
X
X
X
D32 D33 D34 D35 D36 D37 D38 D39
21
D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
X
X
X
X
X
D32 D33 D34 D35 D36 D37 D38 D39
22
D22 D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
X
X
X
X
X
X
D32 D33 D34 D35 D36 D37 D38 D39
23
D23 D24 D25 D26 D27 D28 D29 D30 D31
X
X
X
X
X
X
X
X
X
X
X
D32 D33 D34 D35 D36 D37 D38 D39
24
D24 D25 D26 D27 D28 D29 D30 D31 D32 D33 D34 D35 D36 D37 D38 D39
X
X
X
X
D40 D41 D42 D43 D44 D45 D46 D47
25
D25 D26 D27 D28 D29 D30 D31 D32 D33 D34 D35 D36 D37 D38 D39
X
X
X
X
X
D40 D41 D42 D43 D44 D45 D46 D47
26
D26 D27 D28 D29 D30 D31 D32 D33 D34 D35 D36 D37 D38 D39
X
X
X
X
X
X
D40 D41 D42 D43 D44 D45 D46 D47
27
D27 D28 D29 D30 D31 D32 D33 D34 D35 D36 D37 D38 D39
X
X
X
X
X
X
X
D40 D41 D42 D43 D44 D45D46 D47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com