Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 166 page
background image
Datasheet
30 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.1.1.4
INT# output - HYPERBUS™ only
• SEMPER™ Flash supports INT# output pin to indicate to the host system that an event has occurred within the
flash device. The user can configure the INT# output pin to transition to the active (Low) state when:
- 2-bit ECC error is detected
- 1-bit ECC error is detected
- Transitioning from the Busy to the Ready state
The INT# pin is only available in BGA package. Operation is controlled with the Interrupt Configuration Register
(INCV) where the INT# output (normally High) is enabled. The Interrupt Configuration Register determines
when an internal event is enabled to trigger a High to Low transition on the INT# output pin.
The Interrupt Status Register (INSV) indicates what enabled internal event(s) have occurred since the last time
the INSV was cleared.
If enabled, the INT# output pin will then transition from High to Low upon the occurrence of an enabled event.
Once the host recognizes that INT# has transitioned to the Low state the INSV Register can be read to deter-
mine which internal event was responsible.
INT# output status during POR, Hardware Reset, Software Reset, DPD Exit, or CS# Signaling Reset is not valid.
• The INCV and INSV can be accessed through Program/Read INCV/INSV HYPERBUS™ transactions.
• The INT# output can be forced to transition back to the High state (returned High by an external pull-up resis-
tance) using the following methods:
- Disable the INT# output by loading a ‘1’ into bit 15 of the Interrupt Configuration Register.
- Reset the appropriate bit (by writing a ‘1’) in the INSV bit that indicates which internal event occurred to cause
the output to go Low. All INSV bits that are Low and are also enabled in the INSV must be reset before the INT#
output will return HIGH.
- If the internal event is ECC, then issuing Clear ECC Errors transaction while in the ECC ASO will return INT#
output HIGH. Clear ECC Errors clears INSV ECC related bits (INSV[1:0]) but does not disable INCV.
- TheINT#outputwillalsobereturnedtothedefault(disabled,High-Z)statewithCS#SignalingReset,Hardware
Reset (RESET# = Low) or a POR. Hardware Reset and POR disable all interrupts by setting the Interrupt
Configuration Register back to the default (all interrupts disabled) state.
4.1.2
HYPERBUS™ ECC related registers and transactions
4.1.3
Legacy (x1) SPI ECC related registers and transactions
Table 13
HYPERBUS™ ECC related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
Configuration Register - 2 (CFR2N, CFR2V)
Read Configuration Register 2 (RDVCR2_4_0, RDNCR2_4_0)
ECC Address Trap Register (EATV)
Read Address Trap Register (RDADTU_2_1, RDADTL_2_1) - ECC ASO
ECC Error Detection Counter Register (ECTV)
Read ECC Count Value Register (RDCONT_2_1) - ECC ASO
INT# Pin Configuration Register (INCV)
Read Interrupt Configuration Register (RDVINC_4_0)
INT# Pin Status Register (INSV)
Read Interrupt Status Register (RDVINS_4_0)
Program Interrupt Configuration Register (PGVINC_4_0)
Program Interrupt Status Register (PGVINC_4_0)
Table 14
Legacy (x1) SPI ECC related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
Configuration Register - 2 (CFR2N, CFR2V)
Read Any Register (RDARG_4_0)
ECC Address Trap Register (EATV)
Write Any Register (WRARG_C_1)
ECC Error Detection Counter Register (ECTV)
Read ECC Status (RDECC_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com