Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 17Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 18Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 166 page
background image
Datasheet
20 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Address space maps
These are condensed tables that use a couple of sectors as references. There are address ranges that are not
explicitly listed. All 4KB sectors have the pattern xxxxx000h–xxxxx7FFh. All 256KB sectors have the pattern
xxx00000h–xxx1FFFFh.
Table 4
Top hybrid configuration 1 thirty-two 4KB sectors and 256KB uniform sectors address map
Main array sector
size
Parameter-sector number
Address size
Address range (16-bit)
Notes
256KB
0
4KB
0000000h–00007FFh
Start of Parameter-Sector 0
1
4KB
0000800h–0000FFFh
Parameter-Sector 1
2
4KB
0001000h–00017FFh
Parameter-Sector 2
.......
30
4KB
000F000h–000F7FFh
Parameter-Sector 30
31
4KB
000F800h–000FFFFh
End of Parameter-Sector 31
Exposed Portion of Main Array
Sector 0
128KB
0010000h–001FFFFh
Mapped to exposed portion of Main
Array Sector 0
Table 5
Bottom hybrid configuration 1 thirty-two 4KB sectors and 256KB uniform sectors address
map
Main array sector
size
Parameter-sector number
Address size
Address range (16-bit)
Notes
256KB
Exposed portion of last sector in
main array
128KB
xx00000h–xx0FFFFh
Mapped to exposed portion of Main
Array Sector (last)
0
4KB
xx10000h–xx107FFh
Start of Parameter-Sector 0
1
4KB
xx10800h–xx10FFFh
Parameter-Sector 1
.........
30
4KB
xx0F000h–xx0F7FFh
Parameter-Sector 30
31
4KB
xx1F800h–xx1FFFFh
End of Parameter-Sector 31
Table 6
Hybrid configuration 2 bottom sixteen and top sixteen 4KB sectors address map
Main array sector
size
Parameter-sector number
Address size
Address range (16-bit)
Notes
256KB
0
4KB
0000000h–00007FFh
Start of Parameter-Sector 0
1
4KB
0000800h–0000FFFh
Parameter-Sector 1
2
4KB
0001000h–00017FFh
Parameter-Sector 2
.......
15
4KB
0007800h–007FFFh
Parameter-Sector 15
Exposed Portion of Main Array
Sector 0
192KB
008000h–001FFFFh
Mapped to exposed portion of Main
Array Sector 0
.......
Exposed portion of last sector in
main array
192KB
xx00000h–xx17FFFh
Mapped to exposed portion of Main
Array Sector (last)
0
4KB
xx18000h–xx187FFh
Start of Parameter-Sector 0
1
4KB
xx18800h–xx18FFFh
Parameter-Sector 1
.......
14
4KB
xx1F000h–xx1F7FFh
Parameter-Sector 14
15
4KB
xx1F800h–xx1FFFFh
End of Parameter-Sector 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com