Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 166 page
background image
Datasheet
91 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
CFR1N[10]
CFR1V[10]
TLSSRP
Temporary Locking
selection of Secure
Silicon Region
N => R/W
V => R/W
1
Description:
The TLSSRP bit temporarily protects the SSR. Upon power-up
or a hardware reset, TLSSRP is set to its default state. When
selected, it protects the SSR from programming.
Selection Options:
0 = Secure Silicon Region is protected
1 = Secure Silicon Region is not protected
Dependency: N/A
CFR1N[9:8]
CFR1V[9:8]
TB4KBS[1:0]
Top or Bottom
Address Range
Selection for 4KB
Sector Block
N => R/W
V => R/W
10
Description:
The TB4KBS bits define the logical address location of the 4KB
sector block. The 4KB sector block replaces the fitting portion
of the highest or lowest address sector.
Selection Options:
00 = 4KB Sector Block and Read Password Sector is mapped
into the bottom of the memory address space
01 = 4KB Sector Block and Read Password Sector is mapped
into the top of the memory address space
10 = Uniform Sector architecture and Read Password Sector
is mapped into the bottom of the memory address space
11 = Uniform Sector architecture and Read Password Sector
is mapped into the top of the memory address space
Dependency: N/A
CFR1N[7:4]
CFR1V[7:4]
MEMLAT[3:0]
Memory Array Read
Latency selection -
Dummy cycles
required for initial
data access
N => R/W
V => R/W
1011
Description:
The MEMLAT[3:0] bits control the read latency (dummy
cycles) delay in all variable latency memory array and Nonvol-
atile Register read transactions. MEMLAT selection allows the
user to adjust the read latency during normal operation based
on different operating frequencies. The device will support 20
cycles read latency upon erasing the configuration register - 1.
Selection Options:
0000 = 5 Latency Cycles Selection based on transaction
opcodes
…..
1100 = 20 Latency Cycles Selection based on transaction
opcodes
Dependency: N/A
CFR5V[3]
RESVRD
Reserved for Future
Use
N => R/W
V => R/W
1
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
CFR1N[2]
CFR1V[2]
DTSTSL
Data Strobe Stall
during Device Error
Selection (DS)
N => R/W
V => R/W
1
Description:
The DTSTSL bit selects whether Data Strobe (DS) stalls on
device errors such as 2-bit ECC detection.
Selection Options:
0 = DS stalls on device errors
1 = DS does not stall on device errors
Dependency: N/A
CFR1N[1:0]
CFR1V[1:0]
RBSTWL[1:0] Read Burst Wrap
Length selection
N => R/W
V => R/W
11
Description:
The RBSTWL[1:0] bits select the read burst wrap length and
alignment during normal operation. It selects the fixed
length/aligned group of 16, 32, or 64 bytes.
Selection Options:
00 = Reserved
01 = 64 Bytes Wrap length
10 = 16 Bytes Wrap length
11 = 32 Bytes Wrap length
Dependency: N/A
Table 67
Configuration register 1 (x8) (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com