Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 166 page
background image
Datasheet
37 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 25
CrC-32 data ordering
Note Any invalid transaction during CRC check-value calculation can corrupt the check-value data.
4.4.1
HYPERBUS™ data integrity check related registers and transactions
4.4.2
Legacy (x1) SPI data integrity check related registers and transactions
4.5
Data protection schemes
Data protection is required to safeguard against unintended changes to stored data and device configuration.
This includes inadvertent erasing or programming the memory array as well as writing to the Configuration
registers, which can alter the functionality of the device. Three types of protection schemes are discussed which
range from protecting either a single or a group of sectors or the complete memory array. Figure 26 shows an
overview of different protection schemes along with applicable data regions.
Table 22
HYPERBUS™ data integrity CRC related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
Status Register (STRV)
Read Status Register (RDVSTR_2_0)
Clear Status Register Failure Flags (CLVSTR_1_0)
Load Start Address (LDSTAD_1_1) - Data Integrity Check ASO
Load End Address (LDENAD_1_1) - Data Integrity Check ASO
Read Data Integrity CRC Register Upper Word (RDDICU_2_1) - Data Integrity
Check ASO
Read Data Integrity CRC Register Lower Word (RDDICL_2_1) - Data Integrity
Check ASO
Data Integrity CRC Check-Value Register (DCRV)
Table 23
Legacy (x1) SPI data integrity CRC related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
Status Register 1 (STR1N, STR1V)
Data Integrity Check (DICHK_4_1)
Status Register 2 (STR2V)
Suspend Erase/Program/Data Integrity Check (SPEPD_0_0)
Data Integrity CRC Check-Value Register (DCRV)
Resume Erase/Program/ Data Integrity Check (RSEPD_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com