Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 166 page
background image
Datasheet
28 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.1.1.2
ECC error address trap (EATV)
• A 32-bit register is provided to capture the ECC data unit address where an ECC error is first encountered during
a read of the flash array. Only the address of the first enabled error type (“2-bit only” or “1-bit or 2-bit” as selected
in CFR2x[6]) encountered after POR, hardware reset, or the ECC Clear transaction is captured. The EATV Register
is only updated during Read transactions.
The EATV Register contains the address that was accessed when the error was detected. The failing bits may
not be located at the exact address indicated in the register, but will be located within the aligned 16-byte ECC
data unit where the error was detected. If errors are found in multiple ECC data units during a single read
operation, only the address of the first failing ECC unit address is captured in the EATV Register.
When 2-bit error detection is not enabled and the same ECC unit is programmed more than once, ECC error
detection for that ECC unit is disabled, therefore no error is recognized to trap the address.
• The Address Trap Register can be read using HYPERBUS™ or Legacy (x1) SPI Address Trap Register read trans-
action.
• Clear ECC Status Register transaction, POR, or CS# Signaling/Hardware/Software reset clears the Address Trap
Register.
Table 11
Error upper / lower address trap register bit assignments
Density
Error lower address register
Error upper address register
All
256Mb
512Mb
1Gb
EATV[15]
A15
0
0
0
EATV[14]
A14
0
0
0
EATV[13]
A13
0
0
0
EATV[12]
A12
0
0
0
EATV[11]
A11
0
0
0
EATV[10]
A10
0
0
0
EATV[9]
A9
0
0
A25
EATV[8]
A8
0
A24
A24
EATV[7]
A7
A23
A23
A23
EATV[6]
A6
A22
A22
A22
EATV[5]
A5
A21
A21
A21
EATV[4]
A4
A20
A20
A20
EATV[3]
A3
A19
A19
A19
EATV[2]
A2
A18
A18
A18
EATV[1]
A1
A17
A17
A17
EATV[0]
A0
A16
A16
A16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com