Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 166 page
background image
Datasheet
26 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4Features
4.1
Error detection and correction
SEMPER™ Flash family devices support error detection and correction by generating an embedded hamming ECC
during memory array programming. This ECC code is then used for error detection and correction during read
operations. The ECC is based on a 16-byte data unit. When the 16-byte data unit is loaded into the Program Buffer
and is transferred to the 128-bits flash memory array Line for programming (after an erase), an 8-bit ECC for each
data unit is also programmed into a portion of the memory array that is not visible to the host system software.
This ECC information is then checked during each Flash array read operation. Any 1-bit error within the data unit
will be corrected by the ECC logic. The 16-byte data unit is the smallest program granularity on which ECC is
enabled.
When any amount of data is first programmed within a 16-byte data unit, the ECC value is set for the entire data
unit. If additional data is subsequently programmed into the same data unit, without an erase, then the ECC for
that data unit is disabled and the 1-bit ECC disable bit is set. A sector erase is needed to again enable ECC on that
data unit.
These are automatic operations transparent to the user. The transparency of the ECC feature enhances data
reliability for typical programming operations which write data once to each data unit while also facilitating
software compatibility with previous generations of products by still allowing for single-byte programming and
bit-walking (in this case, ECC will be disabled) in which the same data unit is programmed more than once.
Figure 19
16-Byte ECC data unit example
SEMPER™ NOR Flash supports 2-bit error detection as the default ECC configuration. In this configuration, any
1-bit error in a data unit is corrected and any 2-bit error is detected and reported. The 16-byte unit data requires
a 9-bit ECC for 2-bit error detection. When 2-bit error detection is enabled, byte-programming, bit-walking, or
multiple program operations to the same data unit (without an erase) are not allowed and will result in a Program
Error. Changing the ECC mode from 1-bit error detection to 2-bit error detection, or from 2-bit error detection to
1-bit error detection will invalidate all the ECC syndromes related to data in the memory array. When changing
the ECC mode, the host must first erase all sectors in the device. If the ECC mode is changed without erasing
programmed data, subsequent read operations will result in undefined behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com