Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 166 page
background image
Datasheet
46 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.5.2.2
Programming SSR memory space
In HYPERBUS™ interface, programming the SSR memory is performed once the SSR ASO is entered using the SSR
Entry sequence. The protocol of the SSR programming command is the same as normal array programming. The
SSR programing sequences can be issued multiple times to any given SSR address, but this address space can
never be erased. The valid address range for SSR Program is depicted in Table 30. SSR Program operations
outside the valid SSR address range will ignore address A9 and higher and will alias into the valid SSR address
range. It is required to align start address to 32 bits while programming SSR space, which means the A0 bit of
address should be 0'b and host should deassert CS# to align with 32 bits. SSR Program operations while
Temporary Locking selection of SSR (CFR1x[10]) = 0 will fail with no indication of the failure. The SSR address
space is not protected by the selection of an ASP Protection mode. A SSR Exit sequence will return the device to
the Read mode.
In Legacy (x1) SPI interface, programming the SSR Region is performed using Read SSR transaction (PRSSR_4_0).
It is required to align start address to 32 bits while programming SSR space, which means the address bits A1 and
A0 should be 0'b and host should deassert CS# to align with 32 bits.
4.5.2.3
HYPERBUS™ SSR related registers and transactions
4.5.2.4
Legacy (x1) SPI SSR related registers and transactions
Table 30
SSR address map
Region
Byte address range (Hex)
Contents
Initial delivery state (Hex)
Region 0
0000h
Least Significant Byte(LSB) of CYPRESS™ Programmed
Random Number
CYPRESS™ Programmed Random Number
...
...
000Fh
Most Significant Byte (MSB) of CYPRESS™ Programmed
Random Number
0010h–0013h
Region Locking Bits
Byte 10 [bit 0] locks region 0 from programming when = 0
...
Byte 13 [bit 7] locks region 31from programming when = 0
All Bytes = FFh
0014h–001Fh
Reserved for Future Use (RFU)
Region 1
0020h–003Fh
Available for User Programming
Region 2
0040h–005Fh
...
...
Region 31
03E0h–03FFh
Table 31
HYPERBUS™ SSR related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
N/A
Read Secure Silicon Region (RD_SSR_1_1) - SSR ASO
Program Secure Silicon Region Word (PG_SSR_4_1) - SSR ASO
Load Secure Silicon Region Buffer (LDBSSR_5_1) - SSR ASO
Program Secure Silicon Region Buffer Confirm (PGCSSR_1_1) - SSR ASO
Reset Write to Buffer Abort (RSWSSR_3_1) - SSR ASO
Table 32
Legacy (x1) SPI SSR related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
N/A
Program Secure Silicon Region (PRSSR_4_1)
Read Secure Silicon Region (RDSSR_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com