Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 166 page
background image
Datasheet
39 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 28
DYB and PPB protection control
ASP provides a rich set of configuration options producing multiple data protection schemes which can be
employed based on design or system needs. These configuration options are discussed in ASP protection
summary on page 39 through Legacy (x1) SPI ASP related registers and transactions on page 44.
4.5.1.1
ASP protection summary
The PPB bits are protected from program and erase when the PPB Lock bit is 0. There are two methods for
managing the state of the PPB Lock bit: Persistent Protection and Password Protection.
The Persistent Protection mode sets the PPB Lock bit to 1 during POR or Hardware Reset so that the PPB bits are
unprotected by a device reset. Software Reset does not affect the PPB Lock bit. There is a command to clear the
PPB Lock bit to 0 to protect the PPB. There is no command in the Persistent Protection method to set the PPB
Lock bit therefore the PPB Lock bit will remain at 0 until the next Power-Off or Hardware Reset. The Persistent
Protection method allows boot code the option of changing sector protection by programming or erasing the
PPB, then protecting the PPB from further change for the remainder of normal system operation by clearing (to
0) the PPB Lock bit. This is sometimes called Boot-Code Controlled Sector Protection.
The Password Protection mode clears the PPB Lock bit to 0 during POR or Hardware Reset to protect the PPB. A
64-bit password may be permanently programmed and hidden for the Password method. A command can be
used to provide a password for comparison with the hidden password. If the password matches the PPB Lock bit
is set to 1 to unprotect the PPB. A command can be used to clear the PPB Lock bit to 0. This method requires use
of a password to control PPB Protection.
The selection of the PPB Lock management method is made by programming OTP bits in the ASP Configuration
Register so as to permanently select the method used.
Each sector can be in one of the following protection states:
• Unlocked – The sector is unprotected and protection can be changed by a simple command. The protection
state defaults to unprotected after a power cycle or Hardware Reset.
• Dynamically Locked –A sectorisprotectedandprotectioncan be changed byasimple command. The protection
state is not saved across a power cycle or Hardware Reset.
• Persistently Locked – A sector is protected and protection can only be changed if the PPB Lock bit is set to 1.
The protection state is nonvolatile and saved across a power cycle or Hardware Reset. Changing the protection
state requires programming or erase of the PPB bits.
Table 24
Sector protection states
Protection bit values
Sector state
PPB lock bit
PPB
DYB
1
1
1
Unprotected – PPB and DYB are changeable
1
1
0
Protected – PPB and DYB are changeable
10
1
10
0
0
1
1
Unprotected – PPB not changeable, DYB is changeable
0
1
0
Protected – PPB not changeable, DYB is changeable
00
1
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com