Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 2 Page - Infineon Technologies AG

  26HS01GTAM03 Datasheet HTML 1Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 2Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 3Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 166 page
background image
Datasheet
2 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Performance summary
-1Gb devices
• Minimum 2,560,000 program-erase cycles for the main array
• All devices
- Minimum 300,000 program-erase cycles for the 4KB sectors
- Minimum 25 years data retention
• Supply voltage
- 1.7V to 2.0V (HS-T)
- 2.7V to 3.6V (HL-T)
• Grade / temperature range
- Industrial (40°C to +85°C)
- Industrial plus (40°C to +105°C)
- Automotive AEC-Q100 grade 3 (40°C to +85°C)
- Automotive AEC-Q100 grade 2 (40°C to +105°C)
- Automotive AEC-Q100 grade 1 (40°C to +125°C)
•Packages
- 256Mb and 512Mb: 24-ball BGA 6  8 mm
- 1Gb: 24-ball BGA 8  8 mm
Performance summary
Maximum read rates
Transaction
Initial access latency (Cycles)
Clock rate (MHz)
MBps
SPI Read
0
50
6.25
SPI Fast Read
10
166
20.75
HYPERBUS™ Read DDR (HS-T)
16
200
400
HYPERBUS™ Read DDR (HL-T)
14
166
332
Typical Program and Erase rates
Operation
KBps
256B Page Programming (4KB Sector / 256KB Sector)
595 / 533
512B Page Programming (4KB Sector / 256KB Sector)
753 / 898
256KB Sector Erase
331
4KB Sector Erase
95
Typical current consumption
Operation
HL-T current (mA)
HS-T current (mA)
SDR Read 50MHz
10
10
DDR Read (HYPERBUS™)
75 (166MHz)
156 (200MHz)
Program
50
50
Erase
50
50
Standby (HS-T)
0.014
0.011
Deep Power Down (HS-T)
0.0022
0.0013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com