Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 166 page
background image
Datasheet
56 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.8.3.7
Read ECC data unit status
The Read ECC Data Unit Status (RDECC_4_0, RDECST_1_1) transaction is used to determine the ECC status of the
addressed unit data. In this transaction, the LSb of the address must be aligned to an ECC data unit. The SPI
transaction uses latency cycles set by (CFR3V[7:6]) for reading Volatile registers to enable maximum clock
frequency of 166MHz. The HYPERBUS™ transaction uses latency cycles set by (CFR1V[7:4]) for reading Volatile
registers to enable maximum clock frequency of 166MHz under HL-T, and 200MHz under HS-T. The HYPERBUS™
mode supports DS for capturing data.
In SPI mode, the device outputs the byte contents of the ECC Status for the selected ECC unit. In HYPERBUS™
mode, the device outputs the word contents of the ECC status for the selected ECC unit. To read the next ECC unit
status, another Read ECC Data Unit Status transaction must be initiated to the next ECC data unit aligned address
- incremented by 16 bytes.
4.8.3.8
Read POR timer transaction - HYPERBUS™
The Read Power-On-Reset Timer (RDNPOR_4_0) transaction is used to read the contents of the POR Timer
Register. This transaction uses latency cycles set by (CFR1V[7:4]) to enable maximum clock frequency of 166MHz
under HL-T, and 200MHz. under HS-T. The HYPERBUS™ mode supports DS for capturing data. The POR Timer
Register controls the functionality of the RSTO# pin.
4.8.3.9
HYPERBUS™ read register related registers and transactions
4.8.3.10
Legacy (x1) SPI read register related registers and transactions
Table 45
HYPERBUS™ read register related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
HYPERBUS™ Configuration Register 1 (CFR1N, CFR1V)
Read ID/Unique ID/SFDP (RDIDSF_1_1) - Device ID/ Unique ID/SFDP ASO
Read Status Register (RDVSTR_2_0)
Read Volatile Configuration Register 1 (RDVCR1_4_0)
Read Volatile Configuration Register 2 (RDVCR2_4_0)
Read Nonvolatile Configuration Register 1 (RDNCR1_4_0)
Read Nonvolatile Configuration Register 2 (RDNCR2_4_0)
Read Nonvolatile Persistent Protection Bits (RDNPPB_1_1)
Read Volatile Persistent Protection Lock (RDVPPL_1_1)
Read Volatile Dynamic Protection Bits (RDVDYB_1_1)
Read Error Correction (ECC) Status (RDECST_1_1)
Read Nonvolatile POR Timer Register (RDNPOR_4_0)
Table 46
Legacy (x1) SPI read register related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 125 on page 141)
SPI Configuration Register 2 (CFR2N, CFR2V)
Read Device ID (RDIDN_0_0)
SPI Configuration Register 3 (CFR3N, CFR3V)
Read SFDP (RSFDP_3_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com