Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 166 page
background image
Datasheet
67 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Once the specified number of write buffer locations has been loaded, the system must then write the Program
Buffer to Flash command at the Sector Address. The device then goes busy. The Embedded Program algorithm
automatically programs and verifies the data for the correct data pattern. The system is not required to provide
any controls or timings during these operations. If an incorrect number of write buffer locations have been loaded
the operation will abort and return to the initiating state. The abort occurs as well when anything other than the
Program Buffer to Flash is written when that command is expected at the end of the word count number of data
words.
The Write-Buffer Embedded Programming operation can be suspended using the Program Suspend command.
When the Embedded Program algorithm is complete, the EAC then returns to the EAC Standby or Erase Suspend
Standby state where the programming operation was started.
The system can determine the status of the program operation by using the Status Register. See Figure 36 for a
diagram of the programming operation.
The Write Buffer Programming Sequence will be Aborted under the following conditions:
• Load a Word Count value greater than the buffer size (255).
• Write an address that is outside the Line provided in the Write to Buffer command.
• The Program Buffer to Flash command is not issued after the Write Word Count number of data words is loaded.
When any of the conditions that cause an abort of write buffer command occur the abort will happen immediately
after the offending condition, and will indicate a Program Fail in the Status Register at bit location 4 (PRGERR =
1 - STRV[4]) due to Write Buffer Abort bit location 3 (WRBFAB = 1 - STRV[3]). Write Buffer Abort Reset command or
Clear Status Register command will clear the failure status.
The Write Buffer Programming sequence can be terminated by the following: Hardware Reset or Power Cycle.
However, using either of these methods may leave the area being programmed in an intermediate state with
invalid or unstable data values. In this case, the same area will need to be reprogrammed with the same data or
erased to ensure data values are properly programmed or erased. To ensure the best data integrity, the sector in
which the program operation was terminated must be erased and re-programed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com