Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 166 page
background image
Datasheet
85 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.15.5
Reset behavior
Table 63
Reset behavior
Transaction / register name
POR
Hardware reset and CS# signaling
reset
Software reset (x1 mode only)
Summary
• Device Reset
• Status Bits Reset
• All Volatile Registers Reset
• Configuration Reload to Default
• Volatile Protection Reset to Default
• Nonvolatile Protection unchanged
• Reset all Embedded operations
• Device Reset
• Status Bits Reset
• All Volatile Registers Reset
• Configuration Reload to Default
• Volatile Protection Reset to Default
• Nonvolatile Protection unchanged
• Reset all Embedded operations
• Device Reset
• Status Bits Reset
• Configuration Reload to Default
• Volatile Protection Reset to Default
• Nonvolatile Protection unchanged
• Reset all Embedded operations
Interface Requirements
• All Inputs - Ignored
• All Outputs - Tristated
• All Inputs - Ignored
• All Outputs - Tristated
Transactions
(SRSTE_0_0, SFRST_0_0)
Status Registers
Load from Nonvolatile Registers
Load from Nonvolatile Registers
Load from Nonvolatile Registers
Configuration Registers
Load from Nonvolatile Registers
Load from Nonvolatile Registers
Load from Nonvolatile Registers
Protection Registers
PPB Lock Register - Load based on
ASPO[2:1]
PPB Lock Register - Load based on
ASPO[2:1]
PPB Lock Register - No Change
DYB Access Register - Load based on
ASPO[4]
DYB Access Register - Load based on
ASPO[4]
DYB Access Register - No Change
Password Register - Load based on
ASPO[2] and ASPO[0]
Password Register - Load based on
ASPO[2] and ASPO[0]
Password Register - No Change
ECC Status Register
Load 0x00
Load 0x00
Load 0x00
AutoBoot Register
Load from Nonvolatile registers
Load from Nonvolatile registers
No Change
Data Integrity Check Register
Load 0x00
Load 0x00
Load 0x00
Interface CRC Register
ECC Error Count Register
Address Trap Register
EnduraFlex Register
Load from Nonvolatile Registers
Load from Nonvolatile Registers
No Change
I/O Mode
Memory/Register Erase in
Progress
Not Applicable
Abort Erase
Abort Erase
Memory/Register Program in
Progress
Abort Program
Abort Program
Memory/Register Read in
Progress
Abort Read
Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com