Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 166 page
background image
Datasheet
71 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.10.2.4
Program SSR transaction
The Program Secure Silicon transaction (PRSSR_4_1) programs data in the SSR, which is in a different address
space from the main array data and is OTP. The SSR is 1024 bytes, so the address bits from A31 to A10 must be
zero for this transaction.
The PRGERR bit in STR1V[6] may be checked to determine if any error occurred during the operation.
To program the OTP array in bit granularity, the rest of the bits within a data byte can be set to 1.
Each SSR memory space can be programmed one or more times, provided that the region is not locked.
Attempting to program zeros in a region that is locked will fail with the PRGERR bit in STR1V[6] set to 1.
Programming once, even in a protected area does not cause an error and does not set PRGERR bit. Subsequent
programming can be performed only on the unprogrammed bits (that is, 1 data). Programming more than once
within an ECC unit will disable ECC on that data unit.
4.10.2.5
Program persistent protection bit (PPB)
The Program Persistent Protect Bit (PRPPB_4_0) transaction programs a bit in the PPB Register to protect the
sector of the provided address from being programed or erased.
The PRGERR bit in STR1V[6] may be checked to determine if any error occurred during the operation. Program
PPB bit transaction will abort when trying to program the PPB bits protected by ASPPPB (ASPO[3]), ASPPRM
(ASPO[0]) and PPBLCK (PPLV[0]) bit.
4.10.3
HYPERBUS™ program related registers and transactions
4.10.4
Legacy (x1) SPI program related registers and transactions
Table 52
HYPERBUS™ program related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
HYPERBUS™ Status Register (STR1V)
Program Word (PGWORD_4_0)
HYPERBUS™ Configuration Register 1 (CFR1N, CRF1V)
Program POR Time Register (PRNPOR_4_0)
Program Volatile Interrupt Configuration Register (PGVINC_4_0)
Program Volatile Interrupt Status Register (PGVINS_4_0)
Program Volatile Configuration Register 1 (PGVCR1_4_0)
Program Volatile Configuration Register 2 (PGVCR2_4_0)
Program Nonvolatile Configuration Register 1 (PGNCR1_4_0)
Program Nonvolatile Configuration Register 2 (PGNCR2_4_0)
Program One-Time-Programmable Advanced Sector Protection Register
(PGOASP_2_1)
Program Nonvolatile Password (PGNPWD_2_1)
Program Nonvolatile AutoBoot Register (RDATBN_1_0)
Program One-Time-Programmable EnduraFlex Registers [4:0]
(PGOENX_2_1)
HYPERBUS™ Advance Sector Protect Register (ASPO)
Program Secure Silicon Region Word (PG_SSR_4_1)
HYPERBUS™ ASP PPB Lock (PPLV)
Program Nonvolatile Persistent Protection Bits (PGNPPB_2_1)
Set Volatile Dynamic Protection Bits (STVDYB_2_1)
Clear ECC Error Status Failure Flags (CLRECC_1_1)
Clear Status Register Failure Flags (CLVSTR_1_0)
Table 53
Legacy (x1) SPI program related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
SPI Status Register 1 (STR1N, STR1V)
Write Enable (WRENB_0_0)
SPI Advance Sector Protect Register (ASPO)
Program Secure Silicon (PRSSR_4_1)
SPI ASP PPB Lock (PPLV)
Program Persistent Protection Bit (PRPPB_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com