Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 166 page
background image
Datasheet
24 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Address space maps
3.6
Registers (Legacy (x1) SPI only)
Registers are small groups of memory cells used to configure how the HS/L-T family memory device operates, or
to report the status of device operations. The registers are accessed by specific commands and addresses.
Table 9 shows the address map for every available register in Legacy (x1) SPI in this flash memory device.
Table 8
SSR address map
Region
Byte address range
Contents
Initial delivery state
Region 0
000h
LSB of CYPRESS™ Programmed Random Number
CYPRESS™ Programmed Random Number
...
...
00Fh
MSB of CYPRESS™ Programmed Random Number
010h to 013h
Region Locking Bits
Byte 10h [bit 0] locks region 0 from programming
when = 0
...
Byte 13h [bit 7] locks region 31 from programming
when = 0
All Bytes = FFh
014h to 01Fh
Reserved for Future Use (RFU)
All Bytes = FFh
Region 1
020h to 03Fh
Available for User Programming
Region 2
040h to 05Fh
...
...
Region 31
3E0h to 3FFh
Table 9
Register address map (Legacy (x1) SPI only)
Function
Register type
Register name
Volatile component
address (hex)
Nonvolatile
component address
(hex)
Device Status
Status Register 1
STR1N[7:0],
STR1V[7:0]
0x00800000
0x00000000
Status Register 2
STR2V[7:0]
0x00800001
N/A
Device
Configuration
Configuration Register 1
CFR1N[7:0],
CFR1V[7:0]
0x00800002
0x00000002
Configuration Register 2
CFR2N[7:0],
CFR2V[7:0]
0x00800003
0x00000003
Configuration Register 3
CFR3N[7:0],
CFR3V[7:0]
0x00800004
0x00000004
Configuration Register 4
CFR4N[7:0],
CFR4V[7:0]
0x00800005
0x00000005
Interface CRC
Interface CRC Enable Register
ICEV[7:0]
0x00800008
N/A
Infineon
Endurance Flex
architecture
InfineonEndurance Flex Architecture Selection
Register 0 [7:0]
EFX0O[7:0]
N/A
0x00000050
InfineonEndurance Flex Architecture Selection
Register 0 [15:8]
EFX0O[15:8]
0x00000051
InfineonEndurance Flex Architecture Selection
Register 1 [7:0]
EFX1O[7:0]
0x00000052
InfineonEndurance Flex Architecture Selection
Register 1 [15:8]
EFX1O[15:8]
0x00000053
InfineonEndurance Flex Architecture Selection
Register 2 [7:0]
EFX2O[7:0]
0x00000054
InfineonEndurance Flex Architecture Selection
Register 2 [15:8]
EFX2O[15:8]
0x00000055
InfineonEndurance Flex Architecture Selection
Register 3 [7:0]
EFX3O[7:0]
0x00000056
InfineonEndurance Flex Architecture Selection
Register 3 [15:8]
EFX3O[15:8]
0x00000057
InfineonEndurance Flex Architecture Selection
Register 4 [7:0]
EFX4O[7:0]
0x00000058
InfineonEndurance Flex Architecture Selection
Register 4 [15:8]
EFX4O[15:8]
0x00000059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com