Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 166 page
background image
Datasheet
81 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.13.2
Write buffer abort (Program abort / DICRC abort)
If an error occurs during a Write to Buffer command, the device (EAC) remains busy. The Status Register shows
ready with valid status bits. The device remains busy until the error status is detected by the host system status
monitoring and the error status is cleared.
During embedded algorithm error status the Status Register will show the following:
• SR[7] = 1; Valid status displayed
• SR[6] = X; May or may not be erase suspended during the WBA error status
• SR[5] = 0; Erase successful
• SR[4] = 1; Programming related error, else = 0
• SR[3] = 1; Write buffer abort
• SR[2] = 0; No Program in suspension
• SR[1] = 0; Sector not locked during operation
• SR[0] = X; Treat as “don’t care” (masked)
When the WBA error status is detected, it is necessary to clear the error status in order to return to normal
operation, ready for a new read or command write. The error status can be cleared by writing:
• Write Buffer Abort Reset command
- Clears the Status Register and returns to normal operation
• Status Register Clear command
Commands that are accepted during embedded algorithm error status are:
• Status Register Read
- Reads the Status Register and returns to WBA busy state
• Write Buffer Abort Reset command
• Status Register Clear command
During an embedded algorithm, read transactions not associated with a Status Register Read will toggle DS and
return indeterminate data.
4.14
Error typer and reporting - Legacy (x1) SPI
There are two types of errors reported by the embedded operation status methods. Depending on the error type,
the status reported and procedure for clearing the error status is different.
Table 60 and Table 61 provide the details for clearing the error status.
Table 60
Program error (PRGERR) summary
Error Flag
Symbol
Conditions
Program Error
PRGERR
Bits cannot be programmed ‘1’ to ‘0’
Trying to program in a protected region
If ASP0[2] or ASP0[1] is 0, any Nonvolatile Register write attempting to change the value of CFR1N[6:2]/CFR1V[6:2]
After the Password Protection Mode is selected and ASP Password Register update transaction executed
SafeBoot Failure
Configuration Failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com