Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 166 page
background image
Datasheet
49 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.6.2
Microcontroller initialization failure detection (x8 boot option)
Upon detecting a failed microcontroller initialization, the flash device will stay in HYPERBUS™ interface and won't
accept any transaction from the host controller. Also RSTO# will not transition from LOW to HIGH due to failed
microcontroller initialization.
4.6.2.1
Host polling behavior
The host will need to go through a Status Register polling sequence OR look for a RSTO# signal transitioning from
LOW to HIGH to determine if an initialization failure has occurred in the device. The flowchart for the sequence is
shown in Figure 33. Upon detecting Microcontroller Initialization Failure Detection, the device supports output
impedance of 30.
Figure 33
Host polling sequence for microcontroller initialization failure detection (x8 boot option)
Power-Up
Read Status Register 1
(HyperBus Interface)
Status Register 1 = 0xFE80?
Device
Ready
Yes
No
Hardware Reset
Flash Microcontroller
Initialization Failure
Detected
Power-Up
Read Status Register 1
(HyperBus Interface)
Status Register 1 = 0xFE80?
Device
Ready
Yes
No
Hardware Reset
Flash Microcontroller
Initialization Failure
Detected
[20]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com