Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 166 page
background image
Datasheet
33 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.2.1
Configuration 1: Maximum endurance - single high endurance region
Maximum endurance is achieved when all 256KB sectors are designated as high endurance. All sectors must be
designated as high endurance using the InfineonEndurance Flex pointer architecture. Maximum endurance
pointer configuration is shown in Table 16.
4.2.2
Configuration 2: Two region selection - one long retention region and
one high endurance region
Sectors for long retention or high endurance must be delineated using the InfineonEndurance Flex pointer
architecture. Region 0 is defined as long retention and consists of 16 sectors. Region 1 is defined as high
endurance and has 240 sectors. The pointer setup for two region configuration is shown in Table 17.
4.2.3
HYPERBUS™ Endurance Flex related registers and transaction
4.2.4
Legacy (x1) SPI Endurance Flex related registers and transaction
Table 16
Endurance Flex pointer values for maximum endurance configuration[16]
Pointer #
Pointer address
EPTADn[8:0]
Region type
ERGNTn
Pointer enable#
EPTEBn
Global region selection
GBLSEL
Wear leveling enable
WRLVEN
0
N/A
N/A
N/A
1’b1
1’b1
1
9’b111111111
1’b1
1’b1
N/A
N/A
2
9’b111111111
3
9’b111111111
4
9’b111111111
Table 17
EnduraFlex pointer values for two region configuration[17]
Pointer #
Pointer address
EPTADn[8:0]
Region type
ERGNTn
Pointer enable#
EPTEBn
Global region selection
GBLSEL
Wear leveling enable
WRLVEN
0
N/A
N/A
N/A
1’b0
1’b1
1
9’b000010000
1’b1
1’b0
N/A
N/A
Table 18
HYPERBUS™ Endurance Flex related registers and transactions
Related registers (see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions (see Table 120 on page 124)
InfineonEndurance Flex architecture selection registers (EFX4O, EFX3O,
EFX2O, EFX1O, EFX0O)
Read EnduraFlex Registers (RDOENX_1_1) - EnduraFlex ASO
Program EnduraFlex Registers (PGOENX_2_1) - EnduraFlex ASO
Table 19
Legacy (x1) SPI Endurance Flex related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
InfineonEndurance Flex architecture selection registers (EFX4O, EFX3O,
EFX2O, EFX1O, EFX0O)
Read Any Register (RDARG_4_0)
Write Any Register (WRARG_C_1)
Notes
16. This is also the default configuration of the device.
17. The number of pointers defined is based on the number of regions configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com