Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 166 page
background image
Datasheet
86 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.16
Power modes
4.16.1
Active power and standby power modes
The device is enabled and in the Active Power mode when Chip Select (CS#) is LOW. When CS# is HIGH, the device
is disabled, but may still be in an Active Power mode until all program, erase, and write operations have
completed. The device then goes into the Standby Power mode, and power consumption drops to ISB. See
Table 127 for parameter specifications.
4.16.2
Deep power down (DPD) mode
Although the standby current during normal operation is relatively low, standby current can be further reduced
with the DPD mode. The lower power consumption makes the DPD mode especially useful for battery powered
applications.
4.16.2.1
Enter DPD
The device can enter DPD mode in two ways:
1. Enter DPD Mode using Transaction
2. Enter DPD Mode upon Power-up or Reset
Enter DPD Mode using the Enter Deep Power Down Mode Transaction
The DPD mode is enabled by sending the Enter Deep Power Down Mode Transaction (ENDPD_0_0, ENTDPD_3_0).
After CS# is driven High, the power-down state will be entered within the time duration of tENTDPD (see Table 129
for timing specifications) and power consumption drops to IDPD.
DPD can only be entered from an idle state. The DPD transaction is accepted only while the device is not
performing an embedded algorithm as indicated by the Ready/Busy Status Flag (RDYBSY). It is not allowed to
send any transaction to device during tENTDPD time.
Enter DPD Mode upon Power-up or Reset
If the DPDPOR configuration bit is enabled, the device will be in DPD mode after the completion of Power-up,
Hardware Reset or CS# Signaling Reset. During POR or Reset the CS# should follow the voltage applied on VCC to
enter DPD mode as shown in Figure 45. It is not allowed to send any transaction to device during tENTDPD time.
Figure 45
Enter DPD mode upon power-up or reset
4.16.2.2
Exit DPD
Device leaves DPD mode in one of the following ways:
Exit DPD Mode upon Hardware Reset
When the device is in DPD and DPDPOR = 0, a Hardware reset will return the device to Standby mode.
Exit DPD Mode upon CS# Pulse
When the device is in DPD or DPDPOR = 1, a CS# pulse of width tCSDPD will bring the device out of DPD mode. The
CS# should be driven HIGH after the pulse. HIGH to LOW transition on CS# is required to start a transaction cycle
after the DPD exit. It takes tEXTDPD to come out of DPD mode. The device will not respond until after tEXTDPD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com