Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 166 page
background image
Datasheet
45 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.5.2
Secure silicon region (SSR)
Each device has a 1024B OTP SSR address space that is separate from the Flash Memory Array. The SSR area is
divided into 32, individually lockable, 32-Byte aligned and length regions.
In the 32-Byte region starting at address zero:
• The 16 lowest address bytes are programmed by CYPRESS™ with a 128-bit random number. Only CYPRESS™ is
able to program these bytes. Attempting to program 0s into these locations will fail and generate a Program
Status Error.
• The next four higher address bytes (SSR Lock bytes) are used to provide one bit per SSR region to permanently
protect each region from programming. The bytes are erased when shipped from CYPRESS™. After an SSR region
is programmed, it can be locked to prevent further programming, by programming the related protection bit
in the SSR Lock bytes.
• The next higher 12B of the lowest address region are Reserved for Future Use (RFU). The bits in these RFU bytes
may be programmed by the host system but it must be understood that a future device may use those bits for
protection of a larger SSR space. The bytes are erased when shipped from CYPRESS™.
The remaining regions are erased when shipped from CYPRESS™, and are available for programming of
additional permanent data.
See Figure 31 for a pictorial representation of the SSR memory space.
The SSR memory space is intended for increased system security. SSR values, such as the random number
programmed by CYPRESS™, can be used to ‘mate’ a flash component with the system CPU / ASIC to prevent
device substitution.
In HYPERBUS™, the Configuration Register Temporary Locking selection of SSR (CFR1x[10]) bit protects the entire
SSR memory space from programming when cleared. This allows trusted boot code to control programming of
SSR regions then set the Locking bit to prevent further SSR memory space programming during the remainder
of normal power-on system operation.
Figure 31
OTP protection (Nonvolatile)
4.5.2.1
Reading the SSR memory space
In HYPERBUS™ interface, reading the SSR Region is performed once the SSR ASO is entered using the SSR entry
sequence. The SSR is mapped to a specific sector identified during the SSR Entry command sequence. SSR Read
operations within the sector identified during the SSR Entry command sequence but outside the valid 1KB SSR
address range will yield indeterminate data. Reads to sectors not overlaid by the SSR ASO will retrieve array data.
A SSR Exit sequence will return the device to the array read ASO.
In Legacy (x1) SPI interface, reading the SSR Region is performed using Read SSR transaction (RDSSR_4_0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com