Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 166 page
background image
Datasheet
43 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 30
Read password protection scheme flowchart
Read password protection notes
• Read Password is enabled by programming the ASPR[5] bit to 0.
• The command sequence for programming, reading, and locking of the Password for Read Password Method is
the same as the default for the PPB Password Method.
• When the Read Password mode and Password Protection mode are enabled (i.e., ASPR[2] and ASPR[5] are
programmed to 0), then all addresses are redirected to the Boot Sector until the password unlocking sequence
is properly entered with the correct password. At which time, the Read Password mode is disabled and all
addressing will select the proper location.
• If a system Hardware Reset occurs, then the Read Password mode is re-enabled.
• ASPR[5] is used to select between Read Password versus PPB Password options. If ASPR[5] = 0 then the device
is ready for Read Password. However, Read Password is not enabled until ASPR[2] = 0. At which point, all
addresses select only within the top or bottom sectors, until the device is unlocked with the proper unlocking
sequence and Password. When ASPR[2] = 1 the addresses select normally. This allows users to program in code,
test it, provide a password, and then lock it by programming ASPR[2] = 0.
• The Read Password command sequence return undefined results if sent when Read Password Protection is in
use. The PPB Lock bit may only be returned to 0 by a Hardware Reset, POR or the PPB Lock bit Clear command
sequence.
• Only the ID Read command, Password Unlock command and array reads are valid during Read Password mode
while the PPB Lock bit = 0. Other commands are disabled until the password is supplied to enable reading of
the entire device and normal command operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com