Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 166 page
background image
Datasheet
44 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
• When Read Password Protection mode is active (ASPR[5] = 0, ASPR[2] = 0, PPB Lock bit = 0), reading of the main
array is allowed but forced to have only the boot sector visible via the forcing of memory sector address to 0 or
1s. Reading the DYB, or PPB address space returns undefined data.
• Programming memory spaces or writing registers is not allowed when Read Password Protection mode is active.
RESET operates normally, and bus protocol may be modified by resetting mode bits.
4.5.1.8
HYPERBUS™ ASP related registers and transactions
4.5.1.9
Legacy (x1) SPI ASP related registers and transactions
Table 28
HYPERBUS™ ASP related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
Advanced Sector Protection Register (ASPO)
Program Advanced Sector Protection Register (PGOASP_2_1) - Advanced
Sector Protection ASO
Read Advanced Sector Protection Register (RDOASP_1_1) - Advanced Sector
Protection ASO
Configuration Register 1 (CFR1N, CFR1V)
Read Volatile Configuration Register 1 (RDVCR1_4_0)
Read Nonvolatile Configuration Register 1 (RDNCR1_4_0)
Program Nonvolatile Persistent Protection Bits (PGNPPB_2_1) - PPB ASO
Erase Nonvolatile Persistent Protection Bits (ERNPPB_2_1) - PPB ASO
Read Nonvolatile Persistent Protection Bits (RDNPPB_1_1) - PPB ASO
Clear Volatile Persistent Protection Lock (CLVPPL_2_1) - PPB Lock ASO
Read Volatile Persistent Protection Lock (RDVPPL_1_1) - PPB Lock ASO
Set Volatile Dynamic Protection Bits (STVDYB_2_1) - DYB ASO
Clear Volatile Dynamic Protection Bit (CLVDYB_2_1) - DYB ASO
Read Volatile Dynamic Protection Bit (RDVDYB_1_1) - DYB ASO
Sector Protection Status (PRTSTS_2_1) - PPB/DYB ASO
Table 29
Legacy (x1) SPI ASP related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
Advanced Sector Protection Register (ASPO)
Read Dynamic Protection Bit (RDDYB_4_0)
Configuration Register 1 (CFR1N, CFR1V)
Write Dynamic Protection Bit (WRDYB_4_1)
Read Persistent Protection Bit (RDPPB_4_0)
Program Persistent Protection Bit (PRPPB_4_0)
Erase Persistent Protection Bit (ERPPB_0_0)
Write PPB Protection Lock Bit (WRPLB_0_0)
Read Password Protection Mode Lock Bit (RDPLB_0_0)
Password Unlock (PWDUL_0_1)
Write Enable (WRENB_0_0)
Read Any Register (RDARG_4_0)
Write Any Register (WRARG_C_1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com