Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 166 page
background image
Datasheet
95 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
STRV[3]
WRBFAB
Write Buffer Abort
Status Flag
V => R
0
Description:
The WRBFAB bit indicates a programming abort condition.
When any condition causes an abort of write buffer
instruction, the abort will happen immediately after the
offending condition, and will indicate a Program Fail in the
Status Register (PRGERR = 1) along with a Write Buffer Abort
(WRBFAB = 1). The next successful program operation will
clear the failure status or a Clear Status Register may be
issued to clear the PSB status bit.
The WRBFAB also indicates that the memory array CRC calcu-
lation operation was aborted. The Ending Address (EA)
should be at least one address higher than the Starting
Address (SA). If EA < SA + 1 the Checkvalue Calculation will
abort and the device will return to the Ready state. WRBFAB
will be set (1) to indicate the aborted condition. If EA < SA + 1
the CRCR will hold indeterminate data.
Selection Options:
0 = Program did not abort during write to buffer instruction
or CRC end address load instruction did not abort
1 = Program aborted during write to buffer instruction or CRC
end address load instruction aborted
Dependency: N/A
STRV[2]
PROGMS
Program operation
Suspend Status Flag
V => R
0
Description:
The PROGMS bit is used to indicate if the Program operation
is suspended.
Selection Options:
0 = Program operation is not in suspend mode
1 = Program operation is in suspend mode
Dependency: N/A
STRV[1]
SPROTE
Sector Protection
(Lock) Error Flag
V => R
0
Description:
The SPROTE bit indicates that a program or erase operation
failed because the target region (memory array, registers or
SSR) was protected (locked). SPROTE reflects the status of
the most recent program or erase operation.
Selection Options:
0 = Operation did not generate a Protection error
1 = Operation generated a Protection error
Dependency: N/A
STRV[0]
SESTAT
Sector Erase
Success/Failure Status
Flag
V => R
0
Description:
The SESTAT bit indicates whether the erase operation on the
sector completed successfully. Evaluate Erase Status trans-
action (EVERS_4_0) must be executed prior to reading
SESTAT bit which specifies the sector address.
Selection Options:
0 = Addressed sector was not erased successfully
1 = Addressed sector was erased successfully
Dependency: N/A
Table 70
Status register (x8)[24] (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
Note
24. STRV value during POR, Hardware Reset, DPD Exit, and CS# Signaling Reset is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com