Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 166 page
background image
Datasheet
53 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.8
Read transactions
HL-T/HS-T supports different read transactions, namely: Read Memory array, Read Device Identification, Read
Register, Read Secure Silicon, Read Protection DYB and Read Protection PPB bits. These read transactions can
use any of following two interfaces/protocols:
• Legacy (x1) SPI interface with SDR
• HYPERBUS™ interface with DDR
These read transactions use the following features:
• The read transactions require latency cycles following the command/address bytes to allow time to access the
memory array (except RDAY1_4_0 and RDAY1_C_0 of Legacy (x1) SPI protocol).
• Data Strobe (DS), available only in HYPERBUS™, is an output clock which is edge aligned with read data enabling
the memory controller to capture data (see Data strobe (DS) - HYPERBUS™ on page 57).
• The read transaction has the option of wrapped, hybrid, or linear bursts.
4.8.1
Read identification transactions
There are three unique identification transactions, each supporting the two protocols (Legacy (x1) SPI) and
(HYPERBUS™).
4.8.1.1
Read device identification transaction
The Read Device Identification (RDIDN_0_0, RDIDSF_1_1) transaction provides read access to manufacturer
identification and device identification. The Legacy (x1) SPI mode has no address cycles. In SPI mode, the trans-
action uses latency cycles set by (CFR3V[7:6]) to enable maximum clock frequency of 166MHz under. Similarly in
HYPERBUS™ mode, latency cycles set by (CFR1V[7:4]) to enable maximum clock frequency of 166MHz under HL-T
and 200MHz under HS-T. The HYPERBUS™ mode supports DS for capturing data.
4.8.1.2
Read SFDP transaction
The Read Serial Flash Discoverable Parameters (RSFDP_3_0, RDIDSF_1_1) transaction provides access to the
JEDEC Serial Flash Discovery Parameters (SFDP). In SPI mode, the transaction uses a 3-byte address. If a non-zero
address is set, the selected location in the SFDP space is the starting point of the data read. This enables random
access to any parameter in the SFDP space. Read SFDP Transaction is not supported in Read Password mode
before the password is provided. In SPI mode, the maximum clock frequency for the Read SFDP transaction is
156MHz whereas in HYPERBUS™ mode, 166MHz under HL-T, and 200MHz under HS-T. The HYPERBUS™ mode
supports DS for capturing data.
4.8.1.3
Read unique identification transaction
Read Unique Identification (RDUID_0_0, RDIDSF_1_1) transaction is similar to Read Device Identification trans-
action, but accesses a different 64-bit number, which is unique to each device. The Unique ID is factory
programmed.
4.8.1.4
HYPERBUS™ read identification related register and transaction
4.8.1.5
Legacy (x1) SPI read identification related register and transaction
Table 41
HYPERBUS™ read identification related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
HYPERBUS™ Configuration Register 1 (CFR1N, CFR1V)
Read ID/Unique ID/SFDP (RDIDSF_1_1) - ID/Unique ID/SFDP ASO
Table 42
Legacy (x1) SPI read identification related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
SPI Configuration Register 3 (CFR3N, CFR3V)
Read Identification (RDIDN_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com