Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 17Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 18Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 166 page
background image
Datasheet
19 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Address space maps
3
Address space maps
The address space for the SEMPER™ Flash family contains addressing for the main memory array, address space
overlays (ASO), manufacturer ID, device ID, unique ID, Serial Flash Discoverable Parameters (SFDP), SSR, and
registers.
Figure 18
SEMPER™ Flash address space map overview
3.1
SEMPER™ Flash memory array
The main flash array is divided into units called physical sectors.
The HL-T/HS-T family sector architecture supports the following options:
• 256Mb, 512Mb, 1Gb supports 256KB Uniform sector options
• 256Mb, 512Mb, 1Gb Hybrid sector options
- Configuration 1 - Physical set of thirty-two 4KB sectors and one 128KB sector at the top or bottom of address
space with all remaining sectors of 256KB
- Configuration 2 - Physical set of sixteen 4KB sectors and one 192KB sector at both the top and bottom of the
address space with all remaining sectors of 256KB
The combination of the sector architecture selection bits in Configuration registers support the different sector
architecture options of the SEMPER™ Flash family. See Registers on page 89 for more information.
Table 3
256KB uniform sector address map
Sector
Size
(KB)
S26HL01GT and S26HS01GT
S26HL512T and S26HS512T
S26HL256T and S26HS256T
Sector
count
Sector
range
Word address range
(sector starting
address–sectorending
address)
Sector
count
Sector
range
Word address range
(sector starting
address–sectorending
address)
Sector
count
Sector
range
Word address range
(sector starting
address–sectorending
address)
256
512
SA00
0000000h–001FFFFh
256
SA00
0000000h–001FFFFh
128
SA00
00000000h–0001FFFFh
:
::
::
:
SA511
3FE0000h–3FFFFFFh
SA255
1FE0000h–1FFFFFFh
SA127
0FE0000h–0FFFFFFh
SEMPER™ flash
Memory Array
(256Mb / 512Mb / 1Gb)
SFDP
IDs
Registers
Secure Silicon Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com