Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 166 page
background image
Datasheet
64 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.9.4
Clear ECC status register transaction
The Clear ECC Status Register (CLECC_0_0) transaction resets bit ECSV[4] (2-bit ECC Detection), bit ECSV[3] (1-bit
ECC Correction), INSV[1:0] ECC detection status bits, Address Trap Register EATV[31:0], and ECC Detection
Counter ECTV[15:0]. It is not necessary to set the WRPGEN bit before this transaction is executed. The Clear ECC
Status Register transaction will be accepted even when the device remains busy with WRPGEN set to 1, as the
device does remain busy when either error bit is set.
The WRPGEN bit will be unchanged after this command is executed.
4.9.5
Write any register transaction
The Write Any Register (WRARG_C_1) transaction provides a way to write any device register, Nonvolatile or
Volatile. The transaction includes the address of the register to be written, followed by one byte of data to write
in the addressed register.
Before the WRARG_C_1 transaction can be accepted by the device, a Write Enable (WRENB_0_0) transaction must
be issued and decoded, which sets the Write/Program Enable bit (WRPGEN) in the Status Register to enable any
write operations. The RDYDSY bit in STR1V[0] can be checked to determine when the operation is completed. The
PRGERR and ERSERR bits in STR1V[6:5] can be checked to determine if any error occurred during the operation.
Some registers have a mixture of bit types and individual rules controlling which bits can be modified. Some bits
are read only, some are OTP, and some are designated Reserved (DNU).
Read only bits are never modified and the related bits in the WRARG_C_1 transaction data byte are ignored
without setting a program or erase error indication (PRGERR or ERSERR in STR1V[6:5]). Hence, the value of these
bits in the WRARG_C_1 data byte do not matter.
OTP bits can only be programmed to the level opposite of their default state. Writing of OTP bits back to their
default state is ignored and no error is set.
Nonvolatile bits which are changed by the WRARG_C_1 data require Nonvolatile Register write time (tW) to be
updated. The update process involves an erase and a program operation on the Nonvolatile Register bits. If either
the erase or program portion of the update fails, the related error bit and RDYBSY bit in STR1V will be set to 1.
Status Register 1 can be repeatedly read (polled) to monitor the RDYBSY bit (STR1V[0]) and the error bits
(STR1V[6,5]) to determine when the register write is completed or failed. If there is a write failure, the CLPEF_0_0
transaction is used to clear the error status and enable the device to return to standby state.
The ASP PPB Lock Register (PPLV) Register cannot be written by the WRARG_C_1 transaction. Only the Write PPB
Lock Bit (WRPLB_0_0) transaction can write the PPLV Register.
The Data Integrity Check Register cannot be written by the WRARG_C_1 transaction. The Data Integrity Check
Register is loaded by running the Data Integrity Check transaction (DICHK_4_1).
4.9.6
Write PPB lock bit
The Write PPB Lock Bit (WRPLB_0_0) transaction clears the PPB Lock Register PPLV[0] to zero. The PPBLCK bit is
used to protect the PPB bits. When PPLV[0] = 0, the PPB Program/Erase transaction will be aborted. In Read
Password Protection mode, PPBLCK bit is also used to control the high order bits of the address by forcing the
address range to be limited to one sector where boot code is stored, until the read password is supplied.
Before the WRPLB_0_0 transaction can be accepted by the device, a Write Enable (WRENB_0_0) transaction must
be issued and decoded by the device, which sets the Write/Program Enable (WRPGEN) in the Status Register 1 to
enable any write operations.
While the operation is in progress, the Status Register can still be read to check the value of the RDYBSY bit. The
WRPGEN bit is a 1 during the self-timed operation, and is a 0 when it is completed. When the Write PPB Lock
transaction is completed, the RDYBSY bit is set to a 0.
4.9.7
Legacy (x1) SPI write transactions related registers and transactions
Table 51
Legacy (x1) SPI write transactions related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
Status Register 1 (STR1N, STR1V)
Write Enable (WRENB_0_0)
Address Trap Register (EATV)
Write Any Register (WRARG_C_1)
ECC Detection Counter (ECTV)
Write PPB Lock Bit (WRPLB_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com