Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 166 page
background image
Datasheet
11 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
Transaction capture
CK/CK# mark the transfer of each bit or group of bits between the host and memory. Command, address and write
data bits transfer occurs on CK edges or CK/CK# crossing.
Note All attempts to read the flash memory array during a program or erase (embedded operations) are ignored.
The embedded operation will continue to execute without any effect. A very limited set of commands are
accepted during an embedded operation.
Read
CA0 indicates that a read operation is to be performed and also indicates the burst type (wrapped or linear). Read
operations begin the internal array access as soon as the half-page address has been presented in CA0 and CA1.
CA2 identifies the target word address within the chosen half-page. The host then continues clocking for a
number of cycles defined by the latency count setting in the Configuration Register. Once these latency clocks
have been completed the memory starts to simultaneously transition the Data Strobe (DS) and begins outputting
the target data. New data is output in an edge aligned fashion upon every transition of DS. Data will continue to
be output as long as the host continues to transition the clock (CK and CK#). Wrapped bursts will continue to wrap
within the burst length and linear burst will output data in a sequential manner across page boundaries. A Hybrid
Burst provides one initial wrapped burst followed by linear burst, as described in Burst types on page 57.
Wrapped reads can be performed from the main array, the SFDP Tables and the Secure Silicon Region (SSR). Read
transfers can be ended at any time by bringing CS# High when CK = Low and CK# = High.
When a linear burst reaches the last address in the array, if the burst continues, the address counter will wrap
around and roll back to address 000000h, allowing the read sequence to be continued indefinitely.The entire
memory can therefore be read out with one single read instruction.
The 16-byte and 32-byte wrapped bursts do not cross page boundaries and do not incur inter-page boundary
crossing latencies. For a 64-byte wrapped burst read, a latency may occur during the target address to next page
boundary crossing, depending on the starting address (see Table 48).
Inter-page boundary latency can be avoided by choosing double initial latency CFR2x[7] option. This allows the
device to fetch two consecutive pages during each access allowing latency free data access.
Table 2
Command / Address bit assignment
CA bit#
Bit name
Bit function
47
R/W#
Identifies the transaction as a Read or Write.
1 = Read operation
0 = Write operation
Target space is defined in CA46.
46
Target
Indicates whether the Read or Write operation accesses the memory or register spaces.
0 = Memory space
1 = Register space
The register space is intended to be used by volatile memory and peripheral devices. The HYPERFLASH™
devices will not take advantage of this feature and this bit should be set to 0 during Read or Write trans-
actions.
45
Burst Type
Indicates whether the burst will be linear or wrapped.
0 = Wrapped burst
1 = Linear burst
44–39 (1Gb)
44–38 (512Mb)
44–37 (256Mb)
Reserved
Reserved for future address expansion.
Reserved bits should be set to 0 by the host controller.
38–16 (1Gb)
37–16 (512Mb)
36–16 (256Mb)
Row and Upper Column
Address
Half page component of target address.
15–3
Reserved
Reserved for future column address expansion.
Reserved bits should be set to 0 by the host controller.
2–0
Lower Column Address Lower Column component of the target address: System word address bits A2–0 selecting the starting
word within a half-page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com