Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 3Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 166 page
background image
Datasheet
7 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Pinout and signal description
Table 1
Signal description
Symbol
Type
Mandatory /
optional
Description
CS#
Input
Mandatory
Chip Select (CS#). All bus transactions are initiated with a HIGH to LOW transition on CS#
and terminated with a LOW to HIGH transition on CS#. Driving CS# LOW enables the device,
placing it in the Active mode. When CS# is driven HIGH, the device enters Standby mode,
unless an internal embedded operation is in progress. All other input pins are ignored and
the output pins are put in HIGH impedance state.
CK, CK#[2, 3]
Input
Mandatory
Clock (CK, CK#). Clock provides the timing of the serial interface. Single ended and differ-
ential clock modes are offered. Transactions are latched either on the rising edge of CK
signal (single ended) or on the crossing of the CK and CK# signals (differential).
In Legacy (x1) SPI interface, command, address and data inputs are latched on rising edge
of the clock, and data is output on the falling edge of the clock.
In HYPERBUS™ (x8) interface, for single ended clock, command, address and data input are
latched with respect to the rising and falling edge of the CK. In differential clock mode,
command, address and data inputs are latched with respect to the crossing of CK and CK#.
Differential Clock. CK and CK# are used.
Single Ended: CK is used (CK# is not used and can be left floating).
DS
Output
Mandatory
Read DS. DS is used for data read operations only and indicates output data valid for
HYPERBUS™ interface. During a read transaction while CS# is LOW, DS toggles to
synchronize data output until CS# goes HIGH. Output data during read transactions are
edge aligned with DS.
DQ[7:0]
Input/Output
Mandatory
Serial Data (DQ[7:0]). Bidirectional signals that transfer command, address and data
information.
Legacy (x1) SPI Interface: DQ[0] is an input (SI) and DQ[1] is an output (SO).
HYPERBUS™ (x8) Interface: DQ[7:0] are input and output.
RESET#
Input (weak pull-up)
Optional
Hardware Reset (RESET#). When Low, the device will self initialize and return to the array
read state. DS and DQ[7:0] are placed into the High-Z state when RESET# is Low. RESET#
includes a weak pull-up, meaning, if RESET# is left unconnected it will be pulled up to the
High state.
INT#
Output
(open drain)
Optional
System Interrupt (INT#). When LOW, the device is indicating that an internal event has
occurred. This signal is intended to be used as a system level interrupt for the device to
indicate that an on-chip event has occurred. INT# is an open-drain output.
RSTO#
Output
(open drain)
Optional
Reset Output (RSTO#). RSTO# is an open-drain output used to indicate when a power-on
reset (POR) is occurring within the device and can be used as a system level reset signal.
Upon completion of the internal POR the RSTO# signal will transition from low to high
impedance after a user defined timeout period has elapsed. Upon transition to the high
impedance state the external pull-up resistance will pull RSTO# High and the device
immediately is placed into the Standby state. Transactions are blocked when RSTO# is
LOW. During this period, the device cannot be selected, will not accept any transactions,
and does not drive outputs other than RSTO#.
VCC
Power supply
Mandatory
Core Power Supply
VCCQ
Power supply
Mandatory
Input / Output Power Supply
VSS
Ground supply
Mandatory
Core Ground
VSSQ
Ground supply
Mandatory
Input / Output Ground
DNU
–
–
Do Not Use.
Notes
2. The clock is not required to be free running.
3. CK and CK# are not true differential signals. They are compliment signals. Care must be taken to ensure system level terminations are properly
designed in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com