Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 166 page
background image
Datasheet
94 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.2.3
Status registers (x8)
Status Register provides device status on operation.
Table 70
Status register (x8)[24]
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
STRV[15:9]
RESVRD
Reserved for Future Use
V => R
1111111
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
STRV[8]
DICRCS
Memory Array Data
Integrity Check CRC
Suspend Status Flag
V => R
0
Description:
The DICRCS bit is used to determine when the device is in
Memory Array Data Integrity Check CRC suspend mode.
Selection Options:
0 = Memory Array Data Integrity Check CRC is not in suspend
mode
1 = Memory Array Data Integrity Check CRC is in suspend
mode
Dependency: N/A
STRV[7]
RDYBSY
Device Ready/Busy
Status Flag
V => R
1
Description:
The RDYBSY bit indicates whether the device is performing an
embedded operation or is in standby mode ready to receive
new operation transactions.
Note If PRGERR or ERSERR is set, the RDYBSY bit will set to a
‘1’.
Selection Options:
0 = Device is busy and unable to receive new operation trans-
actions
1 = Device is in standby mode ready to receive new operation
transactions (Host needs to check PRGERR and ERSERR
before providing a new transaction)
Dependency: N/A
STRV[6]
ERASES
Erase operation
Suspend Status Flag
V => R
0
Description:
The ERASES bit is used to indicate if the Erase operation is
suspended.
Selection Options:
0 = Erase operation is not in suspend mode
1 = Erase operation is in suspend mode
Dependency: N/A
STRV[5]
ERSERR
Erasing Error Status
Flag
V => R
0
Description:
The ERSERR bit indicates erase operation success or failure.
When the ERSERR bit is set to a ‘1’, it indicates that there was
an error in the last erasing operation. ERSERR bit is also set
when a erase operation is attempted within a protected
memory sector. When ERSERR is set, it can only be cleared
with the Clear Status Register (CLSR) transaction or a
hardware/software reset.
Note The device will only go to standby mode once the
ERSERR flag is cleared.
Selection Options:
0 = Last erase operation was successful
1 = Last erase operation was unsuccessful
Dependency: N/A
STRV[4]
PRGERR
Programming Error
Status Flag
V => R
0
Description:
The PRGERR bit indicates program operation success or
failure. When the PRGERR bit is set to a ‘1’, it indicates that
there was an error in the last programming operation.
PRGERR bit is also set when a program operation is
attempted within a protected memory region. When PRGERR
is set, it can only be cleared with the Clear Status Register
(CLSR) transaction or a hardware/software reset.
Note The device will only go to standby mode once the
PRGERR flag is cleared.
Selection Options:
0 = Last programming operation was successful
1 = Last programming operation was unsuccessful
Dependency: N/A
Note
24. STRV value during POR, Hardware Reset, DPD Exit, and CS# Signaling Reset is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com