Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 166 page
background image
Datasheet
98 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.2.8
Advanced sector protection register (ASPO) (x8)
The ASP Register (ASPO) configures the behavior of Advanced Sector Protection scheme.
Table 75
Advanced sector protection register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
ASPO[15:6]
RESVRD
Reserved for Future Use
N => R/1
1111111111 This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
ASPO[5]
ASPRDP
Read Password Based
Protection Selection
N => R/1
1
Description:
The ASPRDP bit selects the Read Password Mode
Protection mode. Read Password Protection mode works
in conjunction with Password Protection mode to protect
all sectors from Read/Erase/Program. Based on
TB4KBS[1:0] configuration bit (CFR1x[9:8]), either the top
or bottom sector is available for reading.
Selection Options:
0 = Read Password Protection Mode is enabled
1 = Read Password Protection Mode is disabled
Dependency: TB4KBS[1:0] (CFR1x[9:8])
ASPO[4]
RESVRD
Reserved for Future Use
N => R/1
1
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
ASPO[3]
RESVRD
Reserved for Future Use
N => R/1
1
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
ASPO[2]
ASPPWD
Password Based
Protection Selection
N => R/1
1
Description:
The ASPPWD bit selects the Password Protection Mode.
Password Protection mode protects all PPB bits, all
registers and all memory from erase/program till the
correct password is entered. The ASPPWD can also be
used in combination with the ASPRDP to protect all
registers and all memory from erase/program and to
protect sectors from being read as well till the correct
password is provided – except for top or bottom sector
which is available for reading based on TB4KBS[1:0]
configuration bit (CFR1x[9:8]).
Note When ASPPWD is selected, ASPO[15:0] and
PWDO[63:0] are protected against write operations..
Selection Options:
0 = Password Protection Mode is enabled
1 = Password Protection Mode is disabled
Dependency: ASPPER (ASPO[1])
ASPO[1]
ASPPER
Persistent Protection
Selection (Register
Protection Selection)
N => R/1
1
Description:
The ASPPER bit selects the Persistent Protection Mode.
The Persistent Protection mode (ASPPER) protects the
ASPO[15:0] Register from erase or program.
Selection Options:
0 = Persistent Protection Mode is enabled
1 = Persistent Protection Mode is disabled
Dependency: ASPPWD (ASPO[2])
ASPO[0]
RESVRD
Reserved for Future Use
N => R/1
1
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com