Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 101 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 101 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 166 page
background image
Datasheet
101 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.2.15
Memory array data integrity check CRC register (DCRV) (x8)
The Memory Array Data Integrity Check CRC Register (DCRV) stores the results of the CRC calculation on the data
contained between the specified starting and ending addresses.
5.2.16
Interface CRC check-value register (ICRV) (x8)
The Interface CRC Check-value Register (ICRV) stores the results of the CRC calculation on the command and Data
Content over the interface for Protection.
SECV[23]
SECCPT
Sector Erase Count
Corruption Status Flag
V => R
0
Description: The SECCPT bit is used to determine if the
reported sector erase count is corrupted and was reset.
Note If SECCPT is set due to count corruption, it will
reset to 0 on the next successful erase operation on the
selected sector.
Selection Options:
0 = Sector Erase Count is not corrupted and is valid
1 = Sector Erase Count is corrupted and is not valid
Dependency: N/A
SECV[22:0]
SECVAL[22:0]
Sector Erase Count
Value
V => R
0
Description: The SECVAL[22:0] bits store the number of
times a sector has been erased.
Selection Options: Value
Dependency: N/A
Table 82
Memory array data integrity check CRC register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(hex)
Description
DCRV[31:0]
DTCRCV[31:0]
Memory Array Data
Integrity Check CRC
Checksum Value
V => R
0xFFFFFFFF
Description: The DTCRCV[31:0 bits store the checksum
value of the CRC process on the memory array data
contained within the starting address and the ending
address.
Selection Options: Checksum Value
Dependency: N/A
Table 83
Interface CRC check-value register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(hex)
Description
ICRV[31:0]
ITCRCV[31:0]
Interface CRC
Checksum Value
V => R
0xFFFFFFFF
Description: The ITCRCV[31:0] bits store the
check-value of the CRC process on the memory array
data contained within the starting address and the
ending address.
Selection Options: Checksum Value
Dependency: N/A
Table 81
Sector erase count register (x8) (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com