Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 166 page
background image
Datasheet
105 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.2.19
INT# pin status register (INSV) (x8)
The INT# Pin Status Register (INSV) indicates which internal event(s) has occurred since the last time the ISR was
cleared.
INCV[1]
ECC2BT
ECC 2-bit Error
Detection Selection
V => R/W
1
Description: The ECC2BT bit enables or disables
whether a 2-bit ECC detection error will transition INT#.
Selection Options:
0 = 2-bit ECC detection will cause a High to Low
transition the INT# output
1 = 2-bit ECC detection will not transition the INT#
output
Dependency: N/A
INCV[0]
ECC1BT
ECC 1-bit Error
Detection and
Correction Selection
V => R/W
1
Description: The ECC1BT bit enables or disables
whether a 1-bit ECC detection and correction error will
transition INT#.
Selection Options:
0 = 1-bit ECC detection and correction will cause a High
to Low transition the INT# output
1 = 1-bit ECC detection and correction will not transition
the INT# output
Dependency: N/A
Table 90
Interrupt status register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
INSV[15:5]
RESRVD
Reserved for Future Use
V => R/W
1111111111
1
These bits are Reserved for future use. This bit must
always be written/loaded to its default state.
INSV[4]
REYBSY
Ready/Busy Transition
V => R/W
1
Description: The REYBSY bit indicates whether the
device's ready/busy status has caused a transition on
INT#.
Selection Options:
0 = A Busy to Ready transition has occurred
1 = A Busy to Ready transition has not occurred
Dependency: N/A
INSV[3:2]
RESRVD
Reserved for Future Use
V => R/W
11
These bits are Reserved for future use. This bit must
always be written/loaded to its default state.
INSV[1]
ECC2BT
ECC 2-bit Error
Detection
V => R/W
1
Description: The ECC2BT bit indicates whether a 2-bit
ECC detection error has caused a transition on INT#.
Selection Options:
0 = 2-bit error detection has occurred
1 = 2-bit error detection has not occurred
Dependency: N/A
INSV[0]
ECC1BT
ECC 1-bit Error
Detection and
Correction
V => R/W
1
Description: The ECC1BT bit indicates whether a 1-bit
ECC correction error has caused a transition on INT#.
Selection Options:
0 = 1-bit error correction has occurred
1 = 1-bit error correction has not occurred
Dependency: N/A
Table 89
Interrupt configuration register (x8) (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com