Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 166 page
background image
Datasheet
108 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.2
Status register 2 (STR2x) (x1)
Status Register 2 provides device status on operations. The functionality of supported Status Register 2 type is
described in Table 92.
Table 92
Status register 2 (x1)[26]
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
STR2V[7:5]
RESRVD
Reserved for Future Use
V -> R
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
STR2V[4]
DICRCS
Memory Array Data
Integrity Check CRC
Suspend Status Flag
V -> R
0
Description: The DICRCS bit is used to determine when the
device is in Memory Array Data Integrity Check CRC suspend
mode.
Selection Options:
0 = Memory Array Data Integrity Check CRC is not in suspend
mode
1 = Memory Array Data Integrity Check CRC is in suspend
mode
Dependency: N/A
STR2V[3]
DICRCA
Memory Array Data
Integrity Check CRC
Abort Status Flag
V -> R
0
Description: The DICRCA bit indicates that the Memory Array
Data Integrity Check CRC calculation operation was
aborted. The abort condition is based on ending address
(ENDADD) and starting address (STRADD) relationship. If
ENDADD < STRADD + 3, then DICRCA will be set and the
device will return to the Standby state. DICRCA flag gets
cleared at the next Data Integrity CRC calculation operation
when ENDADD ≥ STRADD + 3.
Selection Options:
0 = Memory Array Data Integrity Check CRC calculation Is not
aborted
1 = Memory Array Data Integrity Check CRC calculation is
aborted
Dependency: N/A
STR2V[2]
SESTAT
Sector Erase
Success/Failure Status
Flag
V -> R
0
Description: The SESTAT bit indicates whether the erase
operation on the sector completed successfully. Evaluate
Erase Status transaction (EVERS_4_0) must be executed
prior to reading SESTAT bit which specifies the sector
address.
Selection Options:
1 = Addressed sector (EVERS_4_0) was erased successfully
0 = Addressed sector (EVERS_4_0) was not erased success-
fully
Dependency: N/A
STR2V[1]
ERASES
Erase operation
Suspend Status Flag
V -> R
0
Description: The ERASES bit is used to indicate if the Erase
operation is suspended.
Selection Options:
0 = Erase operation is not in suspend mode
1 = Erase operation is in suspend mode
Dependency: N/A
STR2V[0]
PROGMS
Program operation
Suspend Status Flag
V -> R
0
Description: The PROGMS bit is used to indicate if the
Program operation is suspended.
Selection Options:
0 = Program operation is not in suspend mode
1 = Program operation is in suspend mode
Dependency: N/A
Note
26. STR2x value during POR, Hardware Reset, Software Reset, DPD Exit, and CS# Signaling Reset is not valid. STR2x bits are valid only when SRT1V[0] /
RDYBSY = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com