Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 109 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 109 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 166 page
background image
Datasheet
109 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.3
Configuration register 1 (CFR1x) (x1)
Configuration Register 1 controls interface and data protection functions.
Table 93
Configuration register 1 (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR1N[7]
CFR1V[7]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
CFR1N[6]
CFR1V[6]
SP4KBS
Split 4KB Sectors
selection between top
and bottom address
space
If PLPROT = 0
N -> R/W
V -> R
If PLPROT = 1
N -> R
V -> R
0
Description: The SP4KBS bit selects whether the 4KB
sectorsare grouped together or evenly split between High
and Low address ranges.
Selection Options:
0 = 4KB Sectors are grouped together
1 = 4KB Sectors are split between High and Low Addresses
Dependency: TB4KBS(CFR1N[2])
CFR1N[5]
CFR1V[5]
TBPROT
Top or Bottom Address
Selection for Read
Password
If PLPROT = 0
N -> R/W
V -> R
If PLPROT = 1
N -> R
V -> R
0
Description: TBPROT selects a memory address range
(lowest or highest) to remain readable during Read
Password Protection mode even before a successful
Password entry is completed.
Selection Options:
0 = Top half of the address range
1 = Bottom half of the address range
Dependency: N/A
CFR1N[4]
CFR1V[4]
PLPROT
Permanent Locking
selection of 4KB Sector
Architecture
N -> R/1
V -> R
0
Description: The PLPROT bit permanently protects 4KB
Sector location.
Note PLPROT protects SP4KBS, TBPROT, and TB4KBS
bits from program and erase and it is recommended to
configure these bits before configuring the PLPROT bit.
Selection Options:
0 = 4KB Sector Location is not protected
1 = 4KB Sector Location is protected
Dependency: N/A
CFR1N[3]
CFR1V[3]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
CFR1N[2]
CFR1V[2]
TB4KBS
Top or Bottom Address
Range selection for 4KB
Sector Block
If PLPROT = 0
N -> R/W
V -> R
If PLPROT = 1
N -> R
V -> R
0
Description:
The TB4KBS bit defines the logical address location of the
4KBsector block. The 4KB sector block replaces the fitting
portion of the highest or lowest address sector.
Selection Options:
0 = 4KB Sector Block is in the bottom of the memory
address space
1 = 4KB Sector Block is in the top of the memory address
space
Dependency: SP4KBS (CFR1x[6])
CFR1N[1]
CFR1V[1]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
CFR1N[0]
CFR1V[0]
TLPROT
Temporary Locking
selection of Legacy
Block Protection and
Sector Architecture
N -> R
V -> R/W
0
Description:
The TLPROT bit temporarily protects sector architecture
from any changes.
Note TLPROT protects SP4KBS, TBPROT, and TB4KBS
bits from program and erase.
Selection Options:
0 = 4KB Sector Location are not protected
1 = 4KB Sector Location are temporarily protected
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com