Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 107 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 107 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 166 page
background image
Datasheet
107 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
STR1V[1]
WRPGEN
Write/Program Enable
Status Flag
V -> R
0
Description:
The WRPGEN bit must be set to ‘1’ to enable all program,
erase or register write operations - it provides protection
against inadvertent changes to memory or register values.
The Write Enable (WRENB_0_0) and Write Enable Volatile
(WRENV_0_0) transactions set the WRPGEN bit to ‘1’ to
allow program, erase or write transactions to execute. The
Write Disable (WRDIS_0_0) transaction resets WRPGEN to a
‘0’ to prevent all program, erase, and write transactions
from execution. The WRPGEN bit is cleared to ‘0’ at the end
of any successful program, erase or register write
operation. After a power down / power up sequence or a
hardware/software reset, the Deep Power Down WRPGEN
bit is cleared to ‘0’.
Selection Options:
0 = Program, erase or register write is disabled
1 = Program, erase or register write is enabled
Dependency: N/A
STR1V[0]
RDYBSY
Device Ready/Busy
Status Flag
V -> R
0
Description:
The RDYBSY bit indicates whether the device is performing
an embedded operation or is in standby mode ready to
receive new transactions.
Note The PRGERR and ERSERR status bits are updated
while RDYBSY is set. If PRGERR or ERSERR are set, the
RDYBSY bit will remain set indicating the device is busy and
unable to receive new transactions. A Clear Status Register
(CLSTR_0_0) transaction must be executed to return the
device to standby mode.
Selection Options:
0 = Device is in standby mode ready to receive new
operation transactions
1 = Device is busy and unable to receive new operation
transactions
Dependency: N/A
Table 91
Status register 1 (x8)[25] (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
Note
25. STR1x value during POR, Hardware Reset, DPD Exit, and CS# Signaling Reset is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com