Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 110 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 110 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 166 page
background image
Datasheet
110 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.4
Configuration register 2 (CFR2x) (x1)
Configuration Register 2 controls the memory read latency selection.
Table 94
4KB parameter sector location selection
SP4KBS
TB4KBS
4KB location
0
0
4KB physical sectors at bottom (Low address)
0
1
4KB physical sectors at top, (High address)
1
X
4KB Parameter sectors are split between top (High Address) and bottom (Low Address)
Table 95
PLPROT and TLPROT protection
PLPROT
TLPROT
Array protection and 4K sector
0
0
Unprotected (Unlocked)
1
X
TBPROT, SP4KBS, TB4KBS - Permanently Protected (Locked)
0
1
TBPROT, SP4KBS, TB4KBS - Protected (Locked) till next Power-down
Table 96
Configuration register 2 (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR2N[7]
CFR2V[7]
ADRBYT
Address Byte Length
selectionbetween3or4
bytes for Instructions
N -> R/W
V -> R/W
0
Description:
The ADRBYT bit controls the expected address length for all
instructions that require address and is selectable between
3 Bytes or 4 Bytes.
Selection Options:
0 = Instructions will use 3 Bytes for address
1 = Instructions will use 4 Bytes for address
Dependency: N/A
CFR2N[6:4]
CFR2V[6:4]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
000
These bits are Reserved for future use. This bit must always
be written/loaded to its default state.
CFR2N[3:0]
CFR2V[3:0]
MEMLAT[3:0]
Memory Array Read
Latency selection -
Dummy cycles required
for initial data access
N -> R/W
V -> R/W
1000
Description: The MEMLAT[3:0] bits control the read latency
(dummy cycles) delay in all variable latency memory array
and Nonvolatile Register read transactions. MEMLAT
selection allows the user to adjust the read latency during
normal operation based on different operating frequencies.
Selection Options:
0000 = 0 Latency Cycles Selection based on transaction
opcodes
…..
1111 = 15 Latency Cycles Selection based on transaction
opcodes
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com